Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-22-R

  • AI
    Based on the product code provided, the **M2UDS-22-R** refers to a specific configuration of a **Digital Panel Meter** (specifically an Indicator/Scaling unit), typically manufactured by companies like **M-System** (now MG CO., LTD.). Below is an explanation of its electronic parts, specifications, and functions. --- ### 1. Part Number Breakdown Understanding the suffix codes is essential to identifying the electronic capabilities of this specific unit. | Code Segment | Description | Specific Detail for "22-R" | | :--- | :--- | :--- | | **M2UDS** | Series Name | Digital Indicator (Ultra-slim 2-wire) | | **2** | Input Type | 4 – 20 mA DC | | **2** | Display Size/Type | 4 digits, Red LED (10 mm height) | | **R** | Power Supply | 24 V DC | --- ### 2. Key Electronic Components & Features #### A. Power Supply & Loop Configuration The "R" suffix indicates a **24V DC** power requirement. Unlike loop-powered meters that draw power directly from the 4-20mA signal, this model utilizes an independent power supply. This allows for: * **High-brightness LED:** A stable power source ensures the red LED remains bright regardless of the input signal level. * **Galvanic Isolation:** Internal circuitry provides isolation between the input signal and the power supply, protecting against ground loops. #### B. Display Module * **Type:** 7-segment Red LED. * **Resolution:** 4 digits (-1999 to 9999). * **Scaling Circuitry:** Uses internal potentiometers or digital buttons (depending on the specific generation) to map the 4-20mA signal to user-defined units (e.g., 0–100% or 0–500 Liters). #### C. Signal Input Section * **Impedance:** Typically features low input impedance (approx. 10–50 $\Omega$) to minimize the load on the current loop. * **Filtering:** Electronic low-pass filters are integrated to stabilize the display against signal noise or fluctuations in industrial environments. --- ### 3. Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Signal** | 4 – 20 mA DC | | **Display Range** | -1999 to 9999 (Scaling possible) | | **Accuracy** | ±0.1% of FS ±1 digit | | **Operating Temp** | -5 to +55°C | | **Mounting** | DIN Rail or Panel Mount (Series dependent) | | **Power Consumption** | Approx. 0.7W | --- ### 4. Wiring Diagram Overview The electronic interface usually consists of a terminal block with the following connections: ```text Terminal 1: Input (+) <-- 4-20mA Signal Terminal 2: Input (-) Terminal 3: Power (+) <-- 24V DC Terminal 4: Power (-) ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings on the M2UDS?
    • ⤷ What are the mounting dimensions for this specific model?
    • ⤷ Can this unit be used with a 0-10V signal instead of 4-20mA?