Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-40-R2

  • AI
    The **M2UDS-40-R2** is a specific model within a series of industrial digital timers/counters, typically manufactured by companies like **Hanyoung Nux** or similar industrial automation brands. It is designed for precise timing and control in panel-mounted industrial applications. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The "40" in the model name generally refers to the DIN size (48x48mm), and the "R2" typically signifies the output type (Relay x 2). | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100 - 240V AC (50/60Hz) | | **Power Consumption** | Approx. 4.5 VA | | **Display Type** | 4-Digit 7-Segment LED (Process Value/Set Value) | | **Output Type** | Relay Contact (250V AC 3A / 30V DC 3A) | | **Contact Composition** | Time-limit 1c + Instantaneous 1c (or 2c Time-limit) | | **Mounting Type** | Panel Mount (Flush) | | **Connection** | 8-pin or 11-pin socket (depending on specific sub-variant) | --- ### 2. Electronic Component Breakdown The internal circuitry of the M2UDS-40-R2 is composed of several functional stages: #### A. Power Supply Unit (PSU) * **Transformerless or SMPS Circuit:** Converts the high-voltage AC input (110/220V) into low-voltage DC (5V or 12V) to power the internal logic. * **Smoothing Capacitors:** Used to stabilize the DC voltage and prevent ripple from affecting the timer's accuracy. #### B. Control Logic (Microcontroller) * **MCU:** The "brain" of the device. It handles the counting of clock pulses, manages the user settings, and triggers the output relays. * **Crystal Oscillator:** Provides a stable frequency reference to ensure the timing functions are precise (usually within ±0.01% error). #### C. Input/Output Interface * **Relays:** Physical electromagnetic switches that open or close external circuits. * **Optocouplers:** Often used on the input signal pins (Start, Reset, Inhibit) to provide galvanic isolation between the external sensors/buttons and the internal microcontroller. #### D. User Interface * **LED Display:** Two rows of digits (usually Red for PV and Green/Orange for SV) used to show time remaining or elapsed. * **Tactile Switches:** Buttons on the front face allow the user to adjust the time range (seconds, minutes, hours) and the operating mode. --- ### 3. Operating Modes Most units in this series support multiple modes of operation, which are electronically toggled via the front panel: 1. **ON-Delay:** The output turns ON after a set duration from the trigger. 2. **Interval:** The output turns ON immediately and turns OFF after the set duration. 3. **Flicker (Symmetric):** The output cycles ON and OFF repeatedly at set intervals. 4. **Signal OFF-Delay:** Timing begins when the input signal is removed. --- ### 4. Wiring Diagram Concept * **Pins 2 & 7:** Usually the Power Supply (AC). * **Pins 1, 3, 4:** Relay 1 (Common, NC, NO). * **Pins 8, 6, 5:** Relay 2 (Common, NO, NC). * **External Inputs:** Some models use specific pins for "Start", "Reset", and "Gate/Inhibit" signals. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific timing range options for the M2UDS-40-R2?
    • ⤷ How do I change the operation mode from ON-Delay to Flicker?
    • ⤷ What is the difference between the R1 and R2 variants of this timer?