Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-4W2-R2

  • AI
    The **M2UDS-4W2-R2** is a specific model of an ultra-slim, plug-in signal conditioner (isolator) manufactured by **M-System**. It is designed to convert and isolate DC input signals into standard DC output signals. Below is a detailed breakdown of its electronic specifications and technical characteristics. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Model Series** | M2UDS (Ultra-slim Signal Conditioner) | | **Input Signal** | DC Current or Voltage (User specified upon ordering) | | **Output Signal** | DC Current or Voltage (User specified upon ordering) | | **Power Input (R2)** | 11 - 27V DC | | **Accuracy** | ±0.1% of span | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Dielectric Strength** | 2000V AC @ 1 minute | --- ### 2. Electronic Component Breakdown #### A. Power Supply (Suffix: R2) The "R2" suffix indicates the power requirement for the unit. It is designed for low-voltage industrial environments, typically drawing power from a regulated 24V DC rail. * **Operating Range:** 11V to 27V DC. * **Power Consumption:** Approx. 2W. #### B. The Isolation Barrier The core electronic function of this device is **3-way isolation**. This means the Input, Output, and Power circuits are electrically separated from each other. * **Method:** Usually achieved via high-speed optocouplers or magnetic transformers. * **Purpose:** Prevents ground loops, protects sensitive PLC/DCS inputs from high-voltage surges, and reduces electrical noise. #### C. Signal Conditioning Circuitry * **Zero/Span Adjustments:** Located on the front panel. These are multi-turn potentiometers used to calibrate the output to ensure 4mA (Zero) and 20mA (Span) precisely match the input range. * **Filtering:** Internal low-pass filters are used to stabilize the signal and remove high-frequency EMI (Electromagnetic Interference). --- ### 3. Physical & Installation Features * **Form Factor:** Ultra-slim (approx. 5.9mm or 12.5mm width depending on the specific M2 series sub-type). * **Mounting:** DIN Rail mounting with a plug-in base, allowing for easy replacement without disconnecting wires. * **Status Indicator:** Equipped with a front-facing Power LED to indicate the health of the 24V DC supply. --- ### 4. Part Number Decoder | Code | Meaning | | :--- | :--- | | **M2UDS** | Series Name (Ultra-slim Universal Transmitter/Isolator) | | **4W** | 4-Wire System (Separate power supply required) | | **2** | Specific circuit configuration/dual output option (if applicable) | | **R2** | Power Input: 11 - 27V DC | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the input and output terminals?
    • ⤷ How do I perform a span calibration on this unit?
    • ⤷ What is the difference between the M2UDS and the M2RS series?