Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-AF-R2

  • AI
    The **M2UDS-AF-R2** is a specialized electronic module typically categorized as a **Digital Signal Converter or Isolated Transmitter**, often found in industrial automation and process control systems (specifically associated with brands like M-System or similar instrumentation manufacturers). --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Component Feature | Specification Details | | :--- | :--- | | **Power Input** | Usually 100 – 240V AC or 24V DC (depending on specific sub-model) | | **Input Signal** | Universal / Configurable (e.g., 4-20mA, 0-10V, or Thermocouple) | | **Output Signal** | Isolated Analog Output (Current or Voltage) | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Mounting Type** | DIN Rail Mounting | | **Accuracy** | Generally ±0.1% or better | --- ### 2. Core Electronic Architecture The internal circuitry of the M2UDS-AF-R2 is designed for high reliability in noisy industrial environments. It consists of three primary stages: #### A. Input Conditioning Stage This section utilizes high-precision operational amplifiers and an Analog-to-Digital Converter (ADC). It filters high-frequency noise and scales the raw sensor signal into a digital format. #### B. Isolation Barrier To protect sensitive PLC/DCS equipment from ground loops or high-voltage surges, the device uses: * **Opto-isolators:** For signal transmission via light. * **Transformer Isolation:** For power decoupling. #### C. Output Generation Stage The digital signal is processed by a Microcontroller (MCU) and passed through a Digital-to-Analog Converter (DAC). The final stage is a current/voltage driver that provides the standardized industrial signal (e.g., 4-20mA). --- ### 3. Usage and Wiring When integrating this part into a circuit, the pin configuration usually follows this logic: ```markdown Pin Layout Example (General): 1. Input (+) 2. Input (-) 3. Output (+) 4. Output (-) 5. Power (L/+) 6. Power (N/-) ``` --- ### 4. Diagnostic Indicators The module usually features a front-panel **LED indicator**: * **Green (Steady):** Normal operation. * **Red/Flashing:** Input over-range, sensor burnout, or internal hardware failure.
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the M2UDS series?
    • ⤷ How do I calibrate the zero and span on this module?
    • ⤷ Can this module be used as a signal splitter for two different outputs?