Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-C0-R

  • AI
    The **M2UDS-C0-R** is a specific model within the **M2 Series** of Signal Conditioners manufactured by **M-System**. This particular unit is a ultra-slim, loop-powered (or DC powered) signal isolator/transmitter designed for industrial automation and process control. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific electronic characteristics of this component: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2UDS** | Model Series | Universal Input/Output Signal Conditioner | | **C0** | Input Signal | 4 – 20 mA DC (Standard current loop) | | **R** | Power Input | 24V DC | --- ### 2. Technical Specifications The electronics of the M2UDS-C0-R are designed for high-precision isolation between a sensor loop and a PLC/DCS system. * **Isolation Structure:** 3-way isolation (Input to Output to Power). * **Accuracy:** ±0.1% of span. * **Response Time:** $\le$ 0.5 seconds (0 – 90%). * **Insulation Resistance:** 100 M$\Omega$ minimum at 500V DC. * **Dielectric Strength:** 2000V AC @ 1 minute (Input to Output to Power to Ground). --- ### 3. Key Electronic Components & Features #### A. Signal Isolation (Galvanic Isolation) The core function is to prevent "Ground Loops." It uses optical or magnetic coupling to transfer the 4-20mA signal across a physical gap, ensuring that electrical noise or surges on the field side do not damage the sensitive control electronics. #### B. Zero and Span Adjustments Located on the front panel, these are multi-turn potentiometers (trimmers). They allow the user to calibrate the electronic output to ensure that 4mA in exactly equals 4mA out, compensating for any line resistance or component aging. #### C. Power Management The "R" designation indicates a 24V DC power requirement. Internally, the device uses a switching regulator to stabilize the voltage, ensuring the output signal remains linear even if the supply voltage fluctuates slightly (typically within 10%). --- ### 4. Typical Connection Diagram ```text Field Side (Input) M2UDS-C0-R Control Side (Output) [ Sensor ] ----------> [ Pins 4(+) & 5(-) ] [ Pins 1(+) & 2(-) ] --------> [ PLC ] | | [ Pins 7(+) & 8(-) ] | | [ 24V DC Power ] ``` --- ### 5. Installation and Form Factor * **Mounting:** DIN rail mounting (standard 35mm). * **Housing:** Flame-resistant resin (Black). * **Wiring:** M3.5 screw terminals.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M2UDS and the M2RS models?
    • ⤷ Can the M2UDS-C0-R be used with a 110V AC power source?
    • ⤷ How do I perform a span calibration on this specific unit?