Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-CF-R/CE

  • AI
    The **M2UDS-CF-R/CE** is a high-performance Digital Signage and Display Controller module, typically associated with the **M2U (Micro-to-You)** hardware series. These devices are engineered for industrial reliability, high-definition video playback, and network-based content management. --- ### 1. Key Technical Specifications The "CF" in the model name often refers to its reliance on **CompactFlash** storage, while the "R" generally indicates **Remote** management capabilities or a specific revision. | Component | Specification Details | | :--- | :--- | | **Processor** | Specialized RISC or high-efficiency SoC for 24/7 video decoding. | | **Storage Interface** | CompactFlash (CF) Type I/II slot for OS and media storage. | | **Video Output** | VGA and/or HDMI (depending on specific sub-revision). | | **Connectivity** | Ethernet (RJ45) for LAN control and RS-232 for serial commands. | | **Power Input** | 12V DC (Industrial grade). | | **Form Factor** | Metal-shielded chassis for heat dissipation and EMI protection. | --- ### 2. Core Electronic Architecture The electronics of the M2UDS-CF-R/CE are designed for "Set and Forget" environments. Unlike a standard PC, its architecture is hardened against file system corruption. #### A. Storage Subsystem (CF Card) By using **CompactFlash** instead of a spinning hard drive, the unit gains: * **Vibration Resistance:** No moving parts make it ideal for transit or industrial floors. * **Low Latency:** Faster boot times and instantaneous access to video assets. * **Solid State Reliability:** Reduced heat generation compared to traditional HDDs. #### B. Decoding & Processing The internal logic board features a dedicated hardware decoder chip. This allows the device to play high-bitrate video (MPEG-2, MPEG-4, H.264) with minimal power consumption and without the overhead of a heavy operating system like Windows. #### C. Control & Communication * **RS-232 Port:** Used for integration with professional AV switchers or for sending power-on/off commands to connected displays (CEC/Serial). * **Network Stack:** Supports FTP content updates and real-time health monitoring via the "CE" (Compliance/Ethernet) features. --- ### 3. Usage Context This module is primarily used in the following electronic ecosystems: 1. **Retail Displays:** Automated looping of promotional videos. 2. **Information Kiosks:** Providing stable, non-interactive or menu-driven visuals. 3. **Digital Out-of-Home (DOOH):** High-reliability advertising in public spaces. --- ### 4. Integration Example (RS-232 Protocol) Below is a conceptual example of how the serial interface might be addressed via code for basic control: ```python import serial # Configure the serial port for the M2UDS controller ser = serial.Serial('/dev/ttyS0', 9600, timeout=1) def send_command(cmd): # Example command structure for triggering a video file ser.write(f"$PLAY_FILE_{cmd}\r\n".encode()) print(f"Command Sent: {cmd}") send_command("PROMO_01.MP4") ```
    ✨ Follow-up Questions
    • ⤷ What are the specific video formats supported by the M2UDS-CF-R/CE?
    • ⤷ How do I update the firmware on the CompactFlash card?
    • ⤷ Can this unit be powered via PoE (Power over Ethernet)?