Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-D2-R

  • AI
    The **M2UDS-D2-R** is a specific model within the M2UDS series of **Digital Setting Type Temperature Controllers** (often associated with brands like Hanyoung Nux or similar industrial automation manufacturers). These devices are used to regulate temperatures in industrial processes such as ovens, packaging machines, or plastic extruders. ### 1. Key Technical Specifications The model name typically breaks down into specific electronic configurations. Below are the primary technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Input Type** | Thermocouple (typically K or J type) or RTD (Pt100) | | **Control Method** | ON/OFF or Proportional (P) Control | | **Output Type** | **Relay Contact** (Indicated by the "R" suffix) | | **Setting Method** | Digital Push-wheel / Digital Switch | | **Power Supply** | 100 - 240V AC (50/60Hz) | | **Alarm Output** | Typically 1 or 2 alarm contacts (Model dependent) | --- ### 2. Internal Electronic Components The device consists of several critical electronic subsystems: #### A. Power Supply Module * **Switching Mode Power Supply (SMPS):** Converts the AC mains voltage (110/220V) down to the DC voltages required for the internal logic and sensors. * **Protection:** Includes fuses and varistors (MOVs) to protect against voltage surges. #### B. Sensing and Input Circuitry * **Cold Junction Compensation:** Essential for thermocouples to ensure accuracy by compensating for the ambient temperature at the controller terminals. * **A/D Converter:** A high-precision Analog-to-Digital converter translates the millivolt signal from the sensor into a digital value. #### C. Control Logic (Microprocessor) * The "Brain" of the unit. It compares the **Set Value (SV)** from the digital switches against the **Process Value (PV)** from the sensor to decide whether to trigger the output. #### D. Output Section (The "R" Suffix) * **Mechanical Relay:** The "R" signifies a relay output. * **Capacity:** Usually rated at 250V AC / 3A or 5A. * **Function:** It physically opens and closes a contact to energize a heater or a contactor coil. --- ### 3. Connection Terminals For standard M2UDS models, the wiring is generally organized as follows: 1. **Power:** Terminals for AC Input. 2. **Sensor:** Terminals for Thermocouple (+/-) or RTD (A, B, B'). 3. **Control Output:** Common (COM), Normally Open (NO), and Normally Closed (NC) pins for the Relay. 4. **Alarm:** Separate relay terminals for high/low temperature warnings. --- ### 4. Comparison: Relay vs. SSR Output | Part Code | Output Component | Best Used For | | :--- | :--- | :--- | | **M2UDS-D2-R** | **Mechanical Relay** | Slow cycles, simple heaters, high power contactors. | | **M2UDS-D2-S** | **SSR Drive (Voltage)** | Fast pulsing, PID control, high precision. | ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a K-type thermocouple to the M2UDS-D2-R?
    • ⤷ What is the difference between ON/OFF and Proportional control on this device?
    • ⤷ How do I troubleshoot a 'sensor break' error on this controller?