Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-D3-R

  • AI
    The **M2UDS-D3-R** is a specific model within the **M2 series** of plug-in digital panel meters or signal transducers manufactured by **M-System (MG CO., LTD.)**. This device is primarily designed to take a DC input and convert it into a standardized output signal for industrial control systems. --- ### 1. Key Technical Specifications The model code `M2UDS-D3-R` breaks down into specific electronic characteristics: | Code Segment | Feature | Description | | :--- | :--- | :--- | | **M2UDS** | Model Series | Digital Multi-Unit (Transducer/Signal Conditioner) | | **D3** | Input Type | DC Voltage / Current (Programmable/Range specific) | | **R** | Power Supply | 24V DC | ### 2. Electronic Components & Functionality #### Input Stage * **Isolation:** The device features high-level isolation between input, output, and power (usually up to 2000V AC). * **A/D Converter:** It utilizes a high-resolution Analog-to-Digital converter to sample the incoming DC signal with high accuracy (typically $\pm$0.1%). #### Processing & Control * **Microprocessor-Based:** The "Digital" aspect indicates that signal scaling and linearization are handled by an internal CPU. * **Configuration:** Users can often adjust parameters such as zero/span and scaling via the front panel buttons or a dedicated PC configuration tool. #### Output Stage * **D/A Converter:** After processing, the digital value is converted back to an analog signal (e.g., 4-20mA or 1-5V DC) to be sent to a PLC or DCS. * **Response Time:** Generally features a fast response time (approx. 0.5 seconds or less). --- ### 3. Electrical Connection Diagram (Standard) Typical wiring for the M2 series follows a specific pin-out configuration on its base socket: ```text Pin 1-2: Input Signal (+) and (-) Pin 4-5: Output Signal (+) and (-) Pin 7-8: Power Supply (24V DC for 'R' model) ``` ### 4. Physical Build * **Mounting:** Designed for DIN rail mounting using a plug-in socket (typically 8-pin or 11-pin base). * **LED Display:** Features a 4-digit red LED display to monitor the input value or percentage in real-time. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific input range options for the D3 code?
    • ⤷ How do I calibrate the zero and span settings on this model?
    • ⤷ What is the power consumption rating for the 24V DC version?