Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-D3-R2

  • AI
    The **M2UDS-D3-R2** is a specific model of an **M2-series Multi-Unit Digital Setpoint Potentiometer** (Signal Conditioner) manufactured by **M-System**. This device is primarily used in industrial automation to convert a digital input (contact closures or pulses) into an analog control signal, effectively acting as a "motorized potentiometer" without the moving mechanical parts. ### 1. Technical Specifications Breakdown The model number **M2UDS-D3-R2** identifies the following electronic configuration: | Code Segment | Specification | Description | | :--- | :--- | :--- | | **M2UDS** | Base Model | Digital Setpoint Potentiometer (M2 Series) | | **D** | Input Type | Up/Down contact input (Dry contact or Open collector) | | **3** | Output Type | 0 – 1V DC (High impedance) | | **R** | Power Input | 24V DC | | **2** | Reference | Standard Version / Design revision | --- ### 2. Core Electronic Components & Functions The internal circuitry of the M2UDS-D3-R2 is composed of several critical functional blocks: #### A. Input Circuit (Digital Interface) The device features terminals for **UP**, **DOWN**, and **RESET** signals. * **Optoisolators:** The inputs are typically optically isolated to protect the internal logic from electrical noise and surges on the field wiring. * **Logic Controller:** A microprocessor or logic gate array tracks the duration of the contact closure. #### B. Memory (EEPROM/Non-volatile Storage) * The "Digital Potentiometer" aspect means it remembers its last position. * Upon power loss, the electronic memory stores the current output value so it can resume from the same level when power is restored (unless a reset is triggered). #### C. D/A Converter (Digital to Analog) * Since the internal processing is digital, an **R-2R ladder** or a specialized **DAC chip** is used to convert the digital count into a precise voltage level. * This ensures high linearity and repeatability compared to mechanical wipers. #### D. Output Buffer (Operational Amplifiers) * The **"3" code (0-1V DC)** indicates a specific voltage output stage. * Precision Op-Amps are used to ensure the output voltage remains stable despite changes in temperature or minor fluctuations in power supply. --- ### 3. Key Electronic Performance Features * **Ramp Rate Adjustment:** Includes internal trimmers or DIP switches to set how fast the output increases or decreases when the UP/DOWN contacts are held. * **Galvanic Isolation:** Provides 3-way isolation (Input to Output to Power). This prevents ground loops and protects sensitive PLC/DCS analog input cards. * **Dielectric Strength:** Usually rated for 2000V AC @ 1 minute between power and ground. --- ### 4. Connection Diagram (Simplified) ```mermaid graph LR A[Up/Down Contacts] --> B(M2UDS-D3-R2) C[24V DC Power] --> B B --> D[0-1V DC Analog Output] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the Up/Down contact inputs?
    • ⤷ How do you adjust the 'Full-scale' and 'Zero' settings on this model?
    • ⤷ Can the output be converted from 0-1V to 4-20mA using an external module?