Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-D4-R/N

  • AI
    Based on your query, the part number **M2UDS-D4-R/N** typically refers to a high-performance, industrial-grade **Solid State Drive (SSD)**, often part of Advantech’s SQFlash series (specifically the M.2 2242 form factor). Below is a breakdown of its electronic specifications and characteristics. ### 1. General Specifications The device is designed for embedded systems where reliability and physical space are critical constraints. | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2242 (D4 design) | | **Interface** | SATA III (6.0 Gbps) | | **Flash Type** | 3D TLC (Tri-Level Cell) | | **Capacity Range** | Typically 32GB to 512GB (Varies by SKU) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components #### A. Controller The "brain" of the SSD. It manages data placement (wear leveling), error correction (ECC), and the SATA interface protocol. In this series, the controller usually supports: * **LDPC ECC:** Low-Density Parity-Check to ensure data integrity. * **S.M.A.R.T. Monitoring:** Electronic reporting of drive health. #### B. NAND Flash Memory The storage component. The "UDS" designation often refers to the use of **3D NAND** technology. * **Electronic Stacking:** Instead of laying cells flat, they are stacked vertically to increase density without increasing the physical footprint. * **Voltage Management:** Precise voltage gates are used to store 3 bits per cell. #### C. Power Management Circuitry The PCB includes surface-mount components (SMD) to regulate power: * **Voltage Regulators:** Converts host power (typically 3.3V) to the internal voltages required by the NAND and Controller. * **Power-on Reset (POR):** Ensures the device initializes correctly when power is applied. --- ### 3. Mechanical & Pinout Configuration The M.2 interface uses a specific physical layout to ensure electrical compatibility. * **Keying:** Usually **B+M Key** to maximize compatibility with various motherboard slots. * **Connector Pins:** Gold-plated fingers for high-speed signal integrity and corrosion resistance. --- ### 4. Part Number Decoder (Typical) While internal manufacturer codes vary, the string generally breaks down as follows: | Segment | Meaning | | :--- | :--- | | **M2** | Form Factor (M.2) | | **UDS** | Product Series / NAND Type (3D TLC) | | **D4** | Dimension / PCB Type (2242) | | **R/N** | Specific Revision or Packaging code | --- ### Summary of Performance These electronic parts are optimized for **Write Endurance** and **Shock/Vibration Resistance**, making them significantly more robust than consumer-grade SSDs found in laptops.
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for this specific SSD?
    • ⤷ Does this model support AES-256 hardware encryption?
    • ⤷ How does the M.2 2242 form factor differ electrically from M.2 2280?