Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-DB-R/CE

  • AI
    The **M2UDS-DB-R/CE** is a specific model within a series of digital indicators/transmitters, typically associated with signal conditioning and monitoring in industrial automation. This model is often produced by manufacturers like **M-System** or similar industrial electronics providers. Below is a breakdown of its technical specifications and electronic components. --- ## 1. Technical Specifications | Feature | Specification | | :--- | :--- | | **Type** | Digital Indicator / Signal Conditioner | | **Input Signal** | Universal (DC Voltage/Current, Thermocouple, RTD) | | **Output Type** | Relay Contact Output (Alarm) | | **Power Supply** | 100 – 240V AC or 24V DC (Depending on variant) | | **Model Code Breakdown** | **DB**: Dual Relay Alarm | **R**: Relay Output | **CE**: European Compliance | | **Mounting** | DIN Rail or Plug-in Base | --- ## 2. Core Electronic Components The device functions as a "Universal Digital Transmitter." Here are the primary electronic sections found inside the unit: ### A. Input Stage (A/D Conversion) The input section uses a high-resolution **Analog-to-Digital Converter (ADC)**. Since it is a "Universal" model, it includes precision resistor networks and operational amplifiers to scale high-voltage DC, low-voltage millivolts (thermocouples), or resistance (RTDs) into a digital signal the microprocessor can read. ### B. Microprocessor & Memory * **MCU:** A central microcontroller manages the scaling, linearization of sensors (like CJC for thermocouples), and alarm logic. * **EEPROM:** Stores user-defined configuration settings (setpoints, input types, and calibration data) so they are not lost during power failure. ### C. Output Stage (Relay Logic) The **"R"** in the model name signifies **Relay Output**. * **Electromechanical Relays:** Used for physical switching of external circuits. * **Driver Transistors:** These interface the low-power MCU signals to the high-power relay coils. * **Varistors/Snubbers:** Often included to protect the internal contacts from inductive surges during switching. ### D. Isolation Barrier One of the most critical electronic features of this part is **Galvanic Isolation**. It uses: * **Optocouplers:** To isolate the input signal from the output and power supply. * **Isolation Transformer:** To separate the internal DC rails from the mains AC power. This prevents ground loops and protects sensitive PLC/DCS equipment. --- ## 3. Terminal Configuration Example | Terminal No. | Function | Description | | :---: | :--- | :--- | | 1 - 2 | Power Supply | AC or DC input power | | 3 - 4 | Input (+) / (-) | Connection for sensor/signal | | 5 - 6 | Alarm 1 (Output) | N.O./N.C. Relay Contact | | 7 - 8 | Alarm 2 (Output) | N.O./N.C. Relay Contact | --- ### Key Applications * **Process Monitoring:** Converting a sensor signal into a visible display and dual-level alarm (High/Low). * **Safety Interlocks:** Using the relay outputs to shut down machinery if a temperature or pressure threshold is exceeded. * **Signal Normalization:** Taking a non-linear sensor input and providing a stable digital readout.
    ✨ Follow-up Questions
    • ⤷ How do I configure the input type for a K-type thermocouple on this model?
    • ⤷ What is the maximum switching capacity of the relay outputs?
    • ⤷ Does this model support Modbus RTU communication for data logging?