Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-DB-R2

  • AI
    The **M2UDS-DB-R2** is a specialized electronic component, typically identified as a **high-speed backplane connector** or a daughtercard module, often used in telecommunications, data centers, and industrial computing (such as VPX or OpenVPX architectures). Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The M2UDS series is designed for high-density signal integrity. The "DB" usually refers to a **Daughterboard** configuration. | Feature | Specification | | :--- | :--- | | **Connector Type** | High-Speed Backplane / Daughtercard | | **Signal Density** | High-density differential pairs | | **Data Rate Support** | Typically 10 Gbps to 25+ Gbps (depending on specific protocol) | | **Impedance** | 100 Ohms (Differential) / 50 Ohms (Single-ended) | | **Mounting Type** | Press-fit (Solderless) or Surface Mount (SMT) | | **Contact Plating** | Gold over Nickel (standard for reliability) | --- ## 2. Key Electronic Components & Design ### A. Contact Architecture The internal pins are engineered for **Signal Integrity (SI)**. The R2 (Revision 2) often features improved shielding to reduce: * **Crosstalk (NEXT/FEXT):** Minimizes interference between adjacent high-speed differential pairs. * **Insertion Loss:** Ensures the signal strength remains viable over the transition from the PCB to the backplane. ### B. Material Composition * **Insulator:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) to withstand lead-free reflow temperatures. * **Contacts:** High-performance copper alloy for maximum conductivity and mechanical resilience. ### C. Mechanical Interface The "R2" suffix typically denotes a design iteration that might include: 1. **Enhanced Alignment Fins:** To prevent pin damage during blind-mating. 2. **Press-fit Pegs:** Specialized "Eye-of-the-needle" compliant pins that create a gas-tight connection with the PCB through-holes without soldering. --- ## 3. Typical Applications These parts are foundational in "Rack and Stack" computing environments: * **Blade Servers:** Connecting processing blades to a common backplane. * **Network Switches:** Handling massive throughput between line cards and the fabric. * **Military/Aerospace:** Used in Ruggedized VPX systems where vibration resistance and high bandwidth are required simultaneously. --- ## 4. Part Number Breakdown (General Pattern) * **M2UDS:** Product Series (Multi-Gig / Ultra-Density System). * **DB:** Daughterboard (The plug side that attaches to the removable card). * **R2:** Revision 2 (Technical update for improved mechanical or electrical performance).
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate supported by the M2UDS-DB-R2?
    • ⤷ Does this connector require specialized tools for PCB installation?
    • ⤷ What are the pinout configurations available for this specific module?