Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-E2-R

  • AI
    The **M2UDS-E2-R** is a specific model within the **M2 Series** of signal conditioners manufactured by **M-System** (now part of MG CO., LTD.). It is a high-performance, plug-in signal transducer designed to convert DC input signals into standard process signals. --- ### ## Technical Specifications Breakdown The alphanumeric suffix "E2-R" defines the specific electrical characteristics of the unit: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Series** | M2UDS | DC Alarm / Signal Conditioner | | **Input (E)** | 1 – 5V DC | High-impedance voltage input. | | **Output (2)** | 4 – 20mA DC | Standard current loop output (Load resistance max. 550Ω). | | **Power Supply (R)** | 24V DC | Requires a regulated 24V DC power source. | --- ### ### Core Electronic Components & Architecture The device is composed of several critical electronic stages to ensure accuracy and galvanic isolation: 1. **Input Conditioning Circuit:** * Features high input impedance (typically 1MΩ) to prevent loading effects on the source voltage. * Includes transient voltage suppressors (TVS) for protection against surges. 2. **Galvanic Isolation (3-Way):** * Uses high-speed optocouplers or transformers to provide 2000V AC isolation between the **Input**, **Output**, and **Power** terminals. * This prevents ground loops and protects sensitive PLC/DCS equipment from field-side interference. 3. **DC-DC Converter:** * The "R" (24V DC) power stage includes a switching regulator to stabilize internal voltages and provide clean power to the isolation barrier. 4. **Output Driver:** * A constant-current circuit that ensures the 4–20mA output remains stable regardless of fluctuations in the load resistance (up to the 550Ω limit). --- ### ### Physical and Installation Features * **Plug-in Structure:** The electronic housing can be removed from the base without disconnecting the field wiring, facilitating easy maintenance. * **Adjustments:** The front panel typically features **Zero** and **Span** multi-turn potentiometers for fine-tuning the calibration. * **LED Indicator:** A power LED indicates the status of the internal electronics. --- ### ### Applications The M2UDS-E2-R is primarily used in industrial automation to: * Interface 1-5V sensors with 4-20mA control systems. * Eliminate electrical noise between field instruments and the control room. * Scale signals for better resolution in Analog-to-Digital converters.
    ✨ Follow-up Questions
    • ⤷What is the maximum power consumption for the M2UDS-E2-R?
    • ⤷ Can this unit be mounted on a standard DIN rail?
    • ⤷ What are the environmental temperature limits for this device?