Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-F0-R2/N

  • AI
    The **M2UDS-F0-R2/N** is a specific model within the **M2UDS series** manufactured by **M-System** (now part of MG CO., LTD). It is a high-quality, compact signal conditioner, specifically a **Potentiometer Transmitter**. --- ### 1. Model Code Breakdown Understanding the specific electronic capabilities requires decoding the part number: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **M2UDS** | Series Name | Mini-M Series Potentiometer Transmitter | | **F0** | Output Configuration | **4 – 20 mA DC** (Load resistance 550 $\Omega$ max) | | **R2** | Power Input | **11 – 27 V DC** | | **N** | Standards/Options | None (Standard configuration) | --- ### 2. Core Electronic Functions This device acts as an interface between a variable resistor (potentiometer) and a control system (PLC/DCS). * **Excitation Voltage:** The unit provides a precise, low-voltage reference to the potentiometer. * **Signal Conversion:** It measures the resistance change as the potentiometer wiper moves and converts that ratio into a linear 4–20 mA current signal. * **Isolation:** This is a **3-port isolator**. It electronically separates the **Input**, **Output**, and **Power supply** to prevent ground loops and protect sensitive equipment from surges. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Resistance Range** | 100 $\Omega$ to 10 k$\Omega$ | | **Minimum Span** | 10% of total resistance | | **Accuracy** | $\pm$0.1% | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Insulation Resistance** | 100 M$\Omega$ at 500 V DC | | **Dielectric Strength** | 2000 V AC @ 1 minute (Input to output to power to ground) | | **Construction** | Plug-in style (socket base included) | --- ### 4. Circuit Terminals (Internal/External Wiring) The electronic interface usually follows this standard pin-out for the M2UDS series: ```text Input (Potentiometer): - Terminal 1: CW (High) - Terminal 2: Wiper (Signal) - Terminal 3: CCW (Low) Output (Current): - Terminal 4: Output (+) - Terminal 5: Output (-) Power: - Terminal 7: Power (+) - Terminal 8: Power (-) ``` --- ### 5. Adjustments The front panel typically contains two electronic trimpots: 1. **Zero Adjustment:** Used to set the 4mA output when the potentiometer is at its start position. 2. **Span Adjustment:** Used to set the 20mA output when the potentiometer is at its end position.
    ✨ Follow-up Questions
    • ⤷ What are the typical industrial applications for a potentiometer transmitter like the M2UDS?
    • ⤷ How do I calibrate the Zero and Span if my potentiometer only uses 50% of its physical range?
    • ⤷ Can this model be used with a 2-wire transmitter power supply loop?