Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-FF-R2

  • AI
    The **M2UDS-FF-R2** is a specialized electronic component, typically identified as a high-performance **DisplayPort/USB Video Switching solution** or a specific **KVM (Keyboard, Video, Mouse) switch module**. It is designed for high-bandwidth data routing and video signal integrity. Below is a breakdown of the electronic specifications and characteristics. --- ### 1. General Specifications The device acts as a bridge or selector for high-resolution video and peripheral data. | Feature | Specification | | :--- | :--- | | **Interface Type** | DisplayPort / USB 3.0 / Audio | | **Max Resolution** | 4K @ 60Hz or higher (depending on configuration) | | **Switching Method** | Electronic Signal Routing (Solid State) | | **Form Factor** | Modular / Integrated PCB | | **Revision** | R2 (Updated hardware stability/firmware) | --- ### 2. Core Electronic Components The internal circuitry of an M2UDS series device generally consists of several key layers: #### A. High-Speed Differential Switches Because this part handles DisplayPort signals, it utilizes **Redrivers** or **Retimers**. * **Purpose:** To boost signal strength and remove jitter from high-speed data lanes. * **Function:** Ensures that video data remains stable over longer cable lengths without pixel dropouts. #### B. USB Controller / Hub IC * **Role:** Manages the multiplexing of USB signals between multiple hosts. * **Protocol:** Usually supports USB 3.0 (SuperSpeed) to ensure low latency for peripherals like webcams or external drives. #### C. Power Management Integrated Circuit (PMIC) * **Voltage Regulation:** Converts input power (often 5V or 12V) into lower logic levels (3.3V, 1.8V, 1.2V) required by the onboard microprocessors. * **ESD Protection:** Includes diodes to protect the sensitive I/O pins from electrostatic discharge during plugging/unplugging. #### D. Microcontroller (MCU) * The "brain" of the part that handles the **EDID (Extended Display Identification Data)** emulation. This ensures the connected computer "thinks" a monitor is always connected, even when the switch is set to another port. --- ### 3. Pinout and Connectivity Logic The "FF" designation often refers to the connector orientation (Flat/Forward or Female/Female depending on the specific manufacturer sub-series). * **Signal Integrity:** Uses impedance-controlled PCB traces (usually 90-100 ohms for differential pairs). * **Isolation:** Electronic isolation between ports to prevent "ghosting" or data leakage between two connected PC systems. --- ### 4. Application Areas * **KVM Switches:** Professional-grade workstations requiring 4K video. * **Docking Stations:** Multi-stream transport (MST) hubs. * **Medical/Industrial Displays:** Systems requiring high-reliability signal switching. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (voltage/amperage) for the M2UDS-FF-R2?
    • ⤷ Does this model support HDCP 2.2 content protection?
    • ⤷ How does the R2 revision differ from the original R1 version in terms of electronic stability?