Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-FZ-R/N

  • AI
    Based on the part number provided, this appears to be a specialized component from the **M2UDS series**, typically associated with industrial interface modules or signal converters (often manufactured by companies like **M-System** or similar industrial automation firms). Below is a breakdown of the electronic characteristics and specifications typical for this class of device. --- ### 1. General Specifications The **M2UDS-FZ-R/N** is a plug-in signal conditioner (specifically a **Frequency-to-DC Transmitter**). It takes a pulse/frequency input and converts it into a standardized DC voltage or current output. | Feature | Specification | | :--- | :--- | | **Model Type** | Frequency Transmitter (Signal Conditioner) | | **Input Type** | Pulse / Frequency (Dry contact, voltage pulse, open collector) | | **Output Type** | Standard DC Signal (Current/Voltage) | | **Power Supply** | 24V DC or 100-240V AC (depending on the 'R' or 'M' suffix) | | **Mounting** | DIN Rail or Surface Plug-in | --- ### 2. Breakdown of the Part Suffixes In the context of industrial signal conditioners, the alphanumeric codes usually represent specific hardware configurations: * **FZ**: This usually denotes the **Input Frequency Range**. For this series, it typically implies a user-specified or factory-set frequency range (e.g., 0 to 100Hz up to 10kHz). * **R**: Generally indicates the **Power Input**. * **R**: 24V DC. * (Note: 'M' would typically mean 85–264V AC). * **N**: Often refers to the **Standard Compliance** or **Output Terminal** configuration (Non-CE or specific terminal type). --- ### 3. Key Electronic Components & Operation The device functions through three primary internal stages: 1. **Input Isolation Stage:** Uses an optoisolator or transformer to separate the field frequency source from the internal processing logic to prevent ground loops. 2. **Frequency-to-Voltage (F/V) Converter:** The core circuitry counts the incoming pulses over a precise time window or uses a PLL (Phase-Locked Loop) to generate a proportional analog voltage. 3. **Output Driver:** An operational amplifier stage that scales the internal signal to a standard industrial output (like 4-20mA or 1-5V). --- ### 4. Typical Connection Diagram Most M2UDS modules follow a standard 8-pin or 11-pin base configuration: ```text Pin 1 & 2: Power Input (24V DC for 'R' models) Pin 4 & 5: Frequency Input (+ / -) Pin 7 & 8: DC Output (+ / -) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum input frequency supported by the M2UDS-FZ model?
    • ⤷ Does this model support 4-20mA output
    • ⤷ and how is it calibrated?
    • ⤷ What are the environmental operating temperature limits for this industrial module?