Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-G4-R2/N

  • AI
    The **M2UDS-G4-R2/N** is a specific industrial digital signal converter (transducer) manufactured by **M-System**. It is primarily used for converting pulse signals into analog output signals, commonly found in flow metering and motor speed monitoring applications. --- ## 1. Core Technical Specifications The "electronic parts" of this unit are defined by its model code breakdown. Each suffix represents a specific electronic configuration: | Feature | Specification | Description | | :--- | :--- | :--- | | **Model Type** | **M2UDS** | Pulse-to-Analog Converter (Mini-M Series). | | **Input (G4)** | **Open Collector / Voltage Pulse** | High-speed electronic switching or square wave input. | | **Output (R2)** | **0 – 10V DC** | Voltage output proportional to the frequency. | | **Power Supply (N)** | **100 – 240V AC** | Universal AC power input for the internal circuitry. | --- ## 2. Key Electronic Components & Internal Design The device functions as a "Frequency-to-Voltage" (F/V) converter. The internal electronic architecture includes: ### A. Input Stage (Signal Conditioning) * **Opto-Isolators:** Used to electrically isolate the field input from the internal processing unit to prevent ground loops and protect against high-voltage surges. * **Threshold Detection:** Internal electronics allow for sensitivity adjustment (hysterisis) to filter out noise from the incoming pulses. ### B. Processing Unit (Frequency Analysis) * **Microprocessor/Timing Circuit:** The device measures the time interval between incoming pulses. It calculates the frequency ($f = 1/T$) and maps it to a digital value. * **Configuration Switches:** Located behind the front cover, these physical dip-switches or pots allow the user to set the frequency range (e.g., 0–100Hz or 0–10kHz). ### C. Output Stage (D/A Conversion) * **Digital-to-Analog Converter (DAC):** Converts the calculated frequency back into an analog voltage. * **Operational Amplifiers (Op-Amps):** Scale the DAC output to the specific **0-10V DC** range required by the R2 specification. --- ## 3. Physical & Connection Interface The unit uses a plug-in base structure for easy maintenance. * **Terminal Block:** 8-pin base for power, input, and output. * **LED Indicator:** A power LED indicates the status of the internal DC power supply rails. * **Zero/Span Adjustments:** Multiturn potentiometers on the front panel to fine-tune the 0V and 10V points. --- ## 4. Operational Parameters * **Input Impedance:** Approx. 10k$\Omega$ for voltage pulses. * **Response Time:** $\leq$ 0.5 seconds (0 to 90%). * **Isolation:** 2000V AC between input, output, and power.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the zero and span settings for the 0-10V output?
    • ⤷ What is the maximum input frequency this specific model can handle?
    • ⤷ Can this unit be used with a 24V DC power supply instead of AC?