Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-H6-R2/N

  • AI
    The **M2UDS-H6-R2/N** is a specific model within the series of industrial-grade display units, often associated with human-machine interface (HMI) peripherals or indicator panels. Below is a breakdown of its electronic components and technical specifications. --- ### 1. General Specifications This device is primarily used as a digital indicator or display module for industrial control systems. | Feature | Specification | | :--- | :--- | | **Model** | M2UDS-H6-R2/N | | **Display Type** | LED / Digital Indicator | | **Input Type** | High-speed Pulse / Voltage / Current (Model dependent) | | **Power Supply** | Typically 100-240V AC or 24V DC (Check "R2" suffix) | | **Mounting Type** | Panel Mount (1/8 DIN standard) | --- ### 2. Key Electronic Components The "Electronic Parts" of this module consist of several critical sub-systems that allow it to process and display signals: #### A. Microcontroller (MCU) The brain of the unit is an embedded microcontroller that performs: * **Analog-to-Digital Conversion (ADC):** Translates incoming electrical signals into digital data. * **Scaling:** Adjusts the raw input to display meaningful units (e.g., PSI, RPM, or Volts). #### B. Display Driver & LED Array * **Driver IC:** Manages the multiplexing of the 7-segment LED displays to ensure high brightness and low power consumption. * **Segment Display:** Usually high-visibility Red or Green LEDs designed for industrial environments. #### C. Power Management Circuitry * **Isolation Transformer/Optocouplers:** Provides galvanic isolation between the input signal and the power supply to prevent noise interference. * **Voltage Regulators:** Steps down the input power (e.g., 24V) to the logic levels (3.3V or 5V) required by the MCU. #### D. Input/Output (I/O) Interface * **Terminal Blocks:** Physical screw terminals for wiring sensors. * **Relay Outputs:** The "R2" designation often implies the presence of dual relay contact outputs for alarm or control functions. --- ### 3. Wiring and Pin Configuration Electronic integration usually follows this standard layout: ```text [ Power L(+) ] ---- [ 1 ] [ 6 ] ---- [ Signal In + ] [ Power N(-) ] ---- [ 2 ] [ 7 ] ---- [ Signal In - ] [ Relay 1 Out] ---- [ 3 ] [ 8 ] ---- [ Com / Gnd ] [ Relay 2 Out] ---- [ 4 ] [ 9 ] ---- [ Excitation ] ``` --- ### 4. Technical Nomenclature Breakdown * **M2UDS:** The core series identifier (Digital Indicator). * **H6:** Refers to the physical dimensions or specific display height. * **R2:** Indicates the output configuration (likely 2 Relay contact outputs). * **N:** Specifies the input characteristic or a particular regional standard.
    ✨ Follow-up Questions
    • ⤷ What are the specific signal input ranges for the M2UDS-H6 series?
    • ⤷ How do I calibrate the display scaling on this module?
    • ⤷ What is the maximum relay contact rating for the R2 output model?