Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS-JF-R2/N

  • AI
    The **M2UDS-JF-R2/N** is a specific model of an **Electronic Timer/Digital Counter** within the M2UDS series, typically manufactured by companies like **OMRON** or specialty industrial automation brands. It is designed for precise timing and counting tasks in industrial control panels. ### 1. Technical Specifications Below is a breakdown of the core electronic and mechanical parameters: | Feature | Specification | | :--- | :--- | | **Type** | Digital Multi-function Timer / Counter | | **Input Voltage** | Typically 100-240V AC or 24V DC (Model dependent) | | **Display** | 4-digit or 6-digit LED/LCD Display | | **Output Type** | Relay (SPDT) or NPN/PNP Transistor Output | | **Mounting** | DIN Rail or Panel Mount | | **Reset System** | Manual, External, or Power-off Reset | | **Terminal Type** | Screw Terminals (R2/N suffix often indicates specific terminal layout) | --- ### 2. Key Electronic Components & Functions The device operates through several integrated subsystems: #### A. Input Circuitry * **Optoisolators:** Protect the internal microcontroller from high-voltage spikes on the signal input lines. * **Signal Conditioning:** Converts incoming pulses (from sensors or switches) into clean digital logic levels. #### B. Control & Logic * **Microprocessor/ASIC:** The "brain" that counts pulses or tracks time intervals based on a crystal oscillator for high precision. * **EEPROM Memory:** Ensures that current counts or settings are retained if the power is cut (Non-volatile memory). #### C. Output Stage * **Electromagnetic Relay:** In the "R2" variant, this typically refers to a dual-contact or specific relay configuration capable of switching external loads (valves, motors, or alarms). * **Flyback Diode:** Included to prevent inductive back-EMF from damaging the internal transistors when the relay switches. --- ### 3. Application Use Cases The M2UDS-JF-R2/N is commonly found in: 1. **Batch Counting:** Counting items on a conveyor belt and triggering a gate after a set number. 2. **Delay Timers:** Starting a motor only after a sensor has been triggered for a specific duration. 3. **Frequency Monitoring:** Measuring the speed of a rotating shaft via pulse inputs. --- ### 4. Safety and Installation Notes * **Environment:** Rated for industrial environments, but sensitive to extreme moisture. * **Wiring:** Ensure the `N` (Neutral) and `L` (Line) are correctly identified to prevent internal fuse blowout. * **EMI Shielding:** Use shielded cables for signal inputs if the device is located near high-power variable frequency drives (VFDs).
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout diagram for the R2/N terminal configuration?
    • ⤷ How do I program the scaling factor for pulse-to-unit conversion?
    • ⤷ What are the differences between the R2 relay output and the N transistor output versions?