Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-01-R2/N

  • AI
    The **M2UDS2-01-R2/N** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a digital monitoring module, often manufactured by companies like **IDEC** or specialized industrial electronic firms. It is designed for mounting on a DIN rail or PCB to control loads using semiconductor switching. --- ### 1. Key Technical Specifications Based on the standard nomenclature for the M2UDS series, here are the general technical parameters: | Feature | Specification | | :--- | :--- | | **Type** | Slim Line Solid State Relay / Interface Module | | **Control Voltage** | Typically 5V DC or 24V DC (Model dependent) | | **Switching Voltage** | 100V - 240V AC (or 24V DC for DC variants) | | **Current Rating** | Usually 1A to 2A | | **Isolation** | Opto-coupler (Phototriac/Phototransistor) | | **Mounting** | Socket mount or PCB mount | --- ### 2. Electronic Component Breakdown The internal architecture of the M2UDS2-01-R2/N consists of several critical stages: #### A. Input Circuit (Control Side) * **LED Indicator:** Most R2/N models include a visible LED to indicate the logic state of the input. * **Current Limiting Resistor:** Protects the internal optoisolator from overcurrent. * **Polarity Protection:** A diode is often integrated to prevent damage if the control wires are reversed. #### B. Isolation Barrier * **Optical Isolation:** Uses a light-emitting diode and a photosensitive receiver to separate the low-voltage control signal from the high-voltage load side. This prevents electrical noise and surges from damaging the PLC or Microcontroller. #### C. Output Circuit (Switching Side) * **Zero-Cross Trigger:** If it is an AC model, it likely includes a zero-crossing circuit to reduce Electromagnetic Interference (EMI) by switching only when the AC voltage is near zero. * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network designed to protect the switching element (Triac or MOSFET) from high voltage spikes ($dv/dt$). --- ### 3. Application Use Cases The "R2/N" designation often implies a specific revision or a "Normally Open" (NO) configuration. Common uses include: 1. **PLC Interfacing:** Acting as an interface between a programmable logic controller and a solenoid valve or motor starter. 2. **Signal Conversion:** Converting a low-power digital logic signal into a high-power switching action. 3. **Industrial Automation:** Used in panels where space is limited due to its "Slim" form factor. --- ### 4. Wiring Diagram Concept While specific pinouts depend on the socket used, the general logic is: ```markdown [ Input Side ] [ Output Side ] (+) Pin 1 ------------------ Load (L1) (-) Pin 2 ------------------ AC/DC Supply (Control Signal) (Switching Terminal) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum surge current rating for this specific model?
    • ⤷ Does the M2UDS2-01-R2/N require an external heat sink for 2A loads?
    • ⤷ What is the difference between the R2/N and the standard R1 version?