Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-152-R/N

  • AI
    ## Overview of M2UDS2-152-R/N The **M2UDS2-152-R/N** belongs to a specific category of industrial automation components, typically associated with **M-System (now MG CO., LTD)**. It is an **Ultra-Slim Digital Signal Conditioner** or isolator designed to process and convert analog signals within a compact footprint. --- ### 1. Key Technical Specifications | Parameter | Specification Details | | :--- | :--- | | **Model Type** | M2UDS Series (Ultra-Slim Design) | | **Function** | DC Signal Conditioner / Isolator | | **Input Signal** | Configurable (Current or Voltage) | | **Output Signal** | Dual Output (Isolator) | | **Power Input** | 24V DC | | **Mounting** | DIN Rail Mounting | --- ### 2. Functional Electronic Components The device acts as a bridge between field sensors and a PLC/DCS. Its internal electronics focus on three primary stages: #### A. Input Stage * **A/D Converter:** Converts the incoming analog signal (e.g., 4-20mA or 0-10V) into a digital value for precise processing. * **Protection Circuitry:** Includes surge suppressors to prevent damage from high-voltage transients often found in industrial environments. #### B. Isolation Stage (The "R/N" Aspect) * **Galvanic Isolation:** The core feature is the three-way isolation (Input to Output to Power). * **Optical/Transformer Coupling:** Uses internal electronic barriers to ensure that electrical noise or ground loops on the input side do not affect the output side or the power supply. #### C. Output Stage * **D/A Converter:** Converts the processed digital data back into a high-precision analog signal. * **Driver Transistors:** Provides the necessary current to drive long-distance loops (up to 750 ohms for current outputs). --- ### 3. Suffix Meaning (Model Breakdown) * **M2UDS2:** Denotes the ultra-slim series (usually around 5.9mm to 12.5mm wide) with dual output capability. * **152:** Specific code for input/output range configurations (e.g., 4-20mA DC). * **-R:** Indicates the power supply requirement, typically **24V DC**. * **-N:** Specifies the terminal block type (often meaning a specific screw terminal configuration or no specific special coating). --- ### 4. Applications 1. **Ground Loop Elimination:** Prevents measurement errors caused by potential differences between the field device and the controller. 2. **Signal Boosting:** Amplifies weak analog signals for long-distance transmission. 3. **Signal Splitting:** Allows one input signal to be sent to two separate devices (e.g., a local display and a remote PLC) without interference.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the input and output terminals?
    • ⤷ How does this model compare to the M2UDS-14-R/N version?
    • ⤷ Can this signal conditioner be configured via a PC or is it fixed hardware?