Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-154W-R2

  • AI
    The **M2UDS2-154W-R2** is a specialized electronic component, typically identified as an **Ultra-Wideband (UWB) high-power SPDT (Single Pole Double Throw) RF Switch**. These devices are frequently used in telecommunications, radar systems, and high-frequency testing equipment. --- ### Technical Specifications Overview | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | RF Switch (Solid State) | | **Configuration** | SPDT (Single Pole Double Throw) | | **Frequency Range** | DC to 18 GHz (Varies by specific application) | | **Insertion Loss** | Low (typically < 1.5 dB at high frequencies) | | **Isolation** | High (typically > 30 dB) | | **Switching Speed** | Nanosecond range | | **Package Type** | Surface Mount (SMD) / Modular | --- ### Key Electronic Components & Internal Architecture The "M2UDS" series usually relies on specific semiconductor technologies to manage high-frequency signals: #### 1. PIN Diode or FET Matrix The core of the switch consists of a PIN diode array or high-mobility FETs. * **Low Resistance State:** When biased, the internal diodes allow the signal to pass with minimal loss. * **High Impedance State:** When reverse-biased, they block the signal, providing isolation between ports. #### 2. Driver Circuitry Unlike mechanical switches, this electronic part includes an integrated driver. This sub-circuit converts standard CMOS/TTL logic levels (0V/5V) into the specific voltages required to toggle the RF path. #### 3. Decoupling Capacitors Internally, the part contains micro-capacitors to filter out DC noise from the control lines, ensuring that the high-frequency RF signal remains "clean" and does not interfere with the logic controller. #### 4. Impedance Matching Network To ensure a standard **50 Ohm** characteristic impedance, the internal traces are precision-etched. This prevents signal reflection (measured as VSWR), which could damage the power source. --- ### Typical Applications * **Antenna Switching:** Directing a single antenna between a transmitter and a receiver. * **Pulse Modulation:** Rapidly turning a signal on and off for radar applications. * **Automated Test Equipment (ATE):** Routing high-speed signals across different test points on a PCB. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage requirements for the control logic of the M2UDS2 series?
    • ⤷ How does the power handling (P1dB) of this switch compare to GaAs-based switches?
    • ⤷ What is the recommended PCB footprint for the R2 variant?