Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-1D-R

  • AI
    The **M2UDS2-1D-R** is a specific model of an **M2 Series Electronic Multi-Unit Digital Timer** or **Digital Counter/Timer**, typically manufactured by industrial automation companies like Autonics (though part numbers can vary by region and specific OEM). Below is a detailed breakdown of its electronic components, specifications, and functions. --- ## 1. Core Technical Specifications The part number suffix typically indicates the output type, power supply, and control mode. | Feature | Specification | | :--- | :--- | | **Component Type** | Digital Multi-Timer / Counter | | **Display Type** | 7-Segment LED (Usually 4 or 6 digits) | | **Power Supply** | 100-240VAC (Standard for -R models) | | **Output Type** | Relay Contact (SPDT - Single Pole Double Throw) | | **Mounting Type** | DIN Rail or Panel Mount (Plug-in 8-pin or 11-pin) | | **Operating Modes** | Signal ON Delay, Flicker, Interval, Signal OFF Delay | --- ## 2. Key Electronic Parts and Internals The internal circuitry of the M2UDS2-1D-R is comprised of several functional blocks: ### A. Power Supply Module * **Transformer/Switching Circuit:** Converts the high voltage AC (100-240V) to low voltage DC (5V or 12V) to power the internal logic. * **Varistor (MOV):** Protects the device from voltage surges in industrial environments. ### B. Control Logic (The "Brain") * **Microcontroller (MCU):** An embedded 8-bit or 16-bit processor that handles the timing algorithms, scale calculations, and user inputs. * **EEPROM:** Non-volatile memory that stores your settings (time range, mode) even when power is disconnected. ### C. Input/Output Interface * **Optocouplers:** Used for the "Start," "Reset," and "Inhibit" inputs to provide galvanic isolation between the external field wiring and the internal CPU. * **Electromechanical Relay:** The "R" in the part number signifies a Relay output. It acts as the physical switch that opens or closes the circuit for the load. --- ## 3. Functionality & User Interface The "M2UDS" series is designed for precision and versatility in industrial panels. ### User Controls * **Up/Down Buttons:** Digital keys to set the threshold or time limit. * **Mode Switch:** Allows the user to toggle between timing (seconds, minutes, hours) and counting. ### Time Ranges Typical ranges available via the electronic logic include: * 0.01 sec to 99.99 sec * 1 min to 9999 hours --- ## 4. Typical Wiring Diagram (8-Pin Configuration) Most models in this series utilize a standard circular socket. | Pin Number | Function | | :--- | :--- | | **2 & 7** | Power Supply (AC Input) | | **1, 3, 4** | Relay Output 1 (COM, NO, NC) | | **5, 6, 8** | Control Inputs (Start, Reset, or Inhibit) | ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum contact rating for the relay output in this model?
    • ⤷ How do I change the time range from seconds to hours on the M2UDS?
    • ⤷ Does this model support NPN or PNP input signals?