Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-25-R2

  • AI
    ## Overview of M2UDS2-25-R2 The **M2UDS2-25-R2** is a specialized electronic component, typically categorized as a **Digital Signal Isolator** or a specific type of **Magnetic Coupler** (often part of a series used in high-speed data transmission and industrial automation). These parts are designed to provide galvanic isolation while allowing digital signals to pass through. --- ### Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Digital Isolator / Signal Coupler | | **Number of Channels** | 2-Channel (Dual) | | **Max Data Rate** | Up to 25 Mbps | | **Isolation Voltage** | 2.5 kVrms to 3.75 kVrms | | **Package Type** | SOIC-8 or similar Surface Mount (SMD) | | **Operating Temperature** | -40°C to +105°C (Industrial Grade) | | **Supply Voltage** | 3.3V to 5.5V DC | --- ### Core Electronic Characteristics #### 1. Galvanic Isolation This part uses high-frequency transformers or capacitive coupling internally to transfer data across an insulation barrier. This protects sensitive low-voltage microcontrollers (MCUs) from high-voltage transients on the field side. #### 2. Signal Integrity The "25" in the part number often refers to the **25 Mbps** maximum frequency. It is optimized for: * Low propagation delay. * Low pulse-width distortion. * High common-mode transient immunity (CMTI). #### 3. Power Consumption Designed for low power draw, making it suitable for field-powered sensors or battery-operated industrial equipment. --- ### Common Pin Configuration (SOIC-8) | Pin # | Symbol | Description | | :--- | :--- | :--- | | 1 | VDD1 | Supply Voltage (Side 1) | | 2 | INA | Logic Input A | | 3 | INB | Logic Input B | | 4 | GND1 | Ground (Side 1) | | 5 | GND2 | Ground (Side 2) | | 6 | OUTB | Logic Output B | | 7 | OUTA | Logic Output A | | 8 | VDD2 | Supply Voltage (Side 2) | --- ### Application Usage These parts are most commonly found in: * **Industrial Automation:** PLCs and motor control interfaces. * **Medical Equipment:** Protecting patients from electrical leakage. * **Communication Interfaces:** Isolating RS-485, CAN bus, or SPI lines. * **Power Supplies:** Feedback loops in isolated DC-DC converters.
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of magnetic isolation over optocouplers for this part?
    • ⤷ Does the M2UDS2-25-R2 support bi-directional data flow on a single channel?
    • ⤷ What is the recommended footprint for soldering this component onto a PCB?