Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-AB-R2

  • AI
    The **M2UDS2-AB-R2** is a specialized electronic component, typically categorized as a **Solid State Timer** or **Time Delay Relay**, often manufactured by industrial control brands like *Crouzet* or *Schneider Electric* (specifically within the Syrline or similar series). Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This device is designed for DIN-rail mounting in control panels to manage the timing of electrical circuits. | Feature | Specification | | :--- | :--- | | **Product Type** | Multi-function / Multi-range Timer | | **Mounting Type** | 17.5mm DIN Rail | | **Contact Configuration** | 1 Changeover Contact (SPDT) | | **Rated Current** | 8A (Resistive) | | **Supply Voltage** | 24 - 240V AC / 24V DC | --- ### 2. Core Electronic Functions The "AB" in the part number usually signifies the functional mode, while "M2" refers to the slim modular housing. * **Asymmetrical Recycling:** The "AB" designation frequently refers to **Asymmetrical Flasher** or **Recycling** functions. This allows the user to set two different independent times: * **T1 (OFF Time):** The duration the relay remains inactive. * **T2 (ON Time):** The duration the relay remains active. * **Time Ranges:** It typically supports multiple scales ranging from **0.1 seconds to 100 hours**, adjustable via the rotary potentiometers on the front face. --- ### 3. Internal Component Breakdown | Part | Purpose | | :--- | :--- | | **Potentiometers** | Analog dials used to select time scale and fine-tune the delay duration. | | **Microcontroller (MCU)** | The "brain" that counts clock cycles to ensure precision timing. | | **Output Relay** | An electromechanical component that physically switches the load (rated for 250VAC). | | **LED Indicators** | Usually two: Green (Power On) and Yellow (Relay Status/Flashing during timing). | | **Power Supply Section** | Switch-mode or capacitive dropper circuit to handle wide-range input (24V-240V). | --- ### 4. Terminal Mapping The device uses standard screw terminals for wiring: 1. **A1 - A2:** Power supply inputs. 2. **15:** Common terminal for the relay. 3. **16:** Normally Closed (NC) contact. 4. **18:** Normally Open (NO) contact. --- ### 5. Application Use Cases * **HVAC Systems:** Cycling fans or compressors at specific intervals. * **Industrial Automation:** Lubrication cycles where a pump runs for 1 minute every 4 hours. * **Lighting Control:** Automated flashing for warning signals or sequential display.
    ✨ Follow-up Questions
    • ⤷ How do you wire a 24V DC source to the M2UDS2-AB-R2?
    • ⤷ What is the difference between Symmetrical and Asymmetrical flashing?
    • ⤷ What is the maximum power consumption of this module?