Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-D0-R2

  • AI
    The **M2UDS2-D0-R2** is a specific model of an **Ultra-Slim Digital Potentiometer (Signal Conditioner)**, typically manufactured by companies like **M-System** (now MG CO., LTD). It is used in industrial automation to convert a manual potentiometer input into a standardized analog electrical signal. --- ### 1. Model Breakdown (Nomenclature) To understand the electronic parts, we must decode the model suffix: | Code | Meaning | Description | | :--- | :--- | :--- | | **M2UDS2** | Series Name | Ultra-Slim Signal Conditioner (Potentiometer Input) | | **D0** | Output Signal | 4 – 20 mA DC (Current Loop) | | **R2** | Power Input | 11 – 27 V DC (Standard Industrial Power) | --- ### 2. Core Electronic Components Inside the device, the circuitry is divided into four main functional blocks: #### A. Input Circuit (Potentiometer Interface) * **Reference Voltage Source:** Provides a stable, low-noise DC voltage to the external potentiometer. * **High-Impedance Buffer:** Prevents loading effects on the potentiometer, ensuring the wiper position is read accurately. * **Protection:** Includes clamping diodes to protect against static electricity or overvoltage on the input terminals. #### B. Signal Processing (Conditioning) * **Zero & Span Adjustment:** Potentiometers (trimmers) located on the front panel allow the user to calibrate the 0% and 100% points. * **Linearizer/Op-Amps:** Precision operational amplifiers scale the input voltage into a proportional internal signal. #### C. Output Stage (Current Driver) * **Voltage-to-Current Converter:** Converts the conditioned voltage into a **4-20mA** current signal. * **Feedback Loop:** Ensures the output current remains stable regardless of changes in load resistance (up to a specific limit, usually 550Ω). #### D. Power Supply & Isolation * **DC/DC Converter:** Since the device is a 3-port isolator, it uses a high-frequency transformer and an optocoupler to electronically separate the Input, Output, and Power circuits. This prevents ground loops. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Resistance** | Total resistance of 100 $\Omega$ to 10 $k\Omega$ | | **Output Type** | 4 – 20 mA DC | | **Accuracy** | $\pm$0.1% of span | | **Isolation** | 2000V AC @ 1 minute (Input to Output to Power) | | **Housing** | DIN rail mount, Ultra-slim (approx. 5.9mm wide) | --- ### 4. Connection Diagram (General) ```text [ Potentiometer ] [ M2UDS2-D0-R2 ] [ PLC/Controller ] (CW) Terminal 1 <------> Terminal 1 (W) Terminal 2 <------> Terminal 2 ---(Isolated)---> 4-20mA Output (CCW) Terminal 3 <------> Terminal 3 ``` ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span settings on this specific unit?
    • ⤷ What is the maximum load resistance supported by the 4-20mA output?
    • ⤷ Can this unit be used with a 3-wire potentiometer and a 2-wire transmitter?