Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-D1-R/N

  • AI
    The **M2UDS2-D1-R/N** is a specific model within the **M2UDS2 Series** of Digital Multi-Unit displays manufactured by **Autonics**. These devices are primarily used as digital indicator units that receive parallel or serial data from PLCs or other controllers to display numeric or status information. --- ## 1. Key Specifications & Model Breakdown The alphanumeric code provides specific information about the hardware configuration: | Component Code | Specification | Description | | :--- | :--- | :--- | | **M2UDS2** | Series Name | Multi-unit digital display (2 units/digits) | | **D1** | Input Type | Static Parallel or Serial Input | | **R** | LED Color | **Red** (High brightness LED) | | **N** | Output Logic | **NPN Open Collector** (Negative logic) | --- ## 2. Electronic Component Architecture The M2UDS2 series consists of several critical electronic subsystems that manage power, signal processing, and visual output. ### A. Input Stage (Logic Control) The "D1" designation indicates it supports two primary data input methods: * **Static Parallel Input:** Uses individual pins for each bit of a BCD (Binary Coded Decimal) signal. * **Serial Input:** Uses a clocked data stream to reduce the number of physical wires required from the PLC. * **Logic (N):** This version uses **NPN logic**, meaning the input signal is activated when the line is pulled to GND (0V). ### B. Display Driver The device utilizes an integrated **LED Driver IC** that handles: * **Multiplexing:** Rapidly switching between the two digits to reduce power consumption while maintaining a steady visual. * **Current Limiting:** Internal resistors or constant-current drivers ensure the Red LEDs do not overheat and maintain uniform brightness. ### C. Power Supply * **Voltage Range:** Typically operates on **12-24VDC**. * **Protection:** Includes reverse polarity protection and basic surge suppression to protect the internal logic from industrial electrical noise. --- ## 3. Technical Parameters | Parameter | Value/Range | | :--- | :--- | | **Power Supply** | 12 - 24VDC (±10%) | | **Current Consumption** | Max 60mA | | **Display Method** | 7-Segment Red LED (Character height: approx 14.2mm) | | **Input Signal Level** | High: 5-24VDC / Low: 0-1.2VDC | | **Operating Temp** | -10°C to 55°C | | **Data Logic** | Positive or Negative (Configurable via DIP switch) | --- ## 4. Connectivity & Pinout Logic The unit connects via a terminal block or ribbon cable. The electronic interface typically requires: 1. **VCC/GND:** Power supply. 2. **Data Pins (D0-D3):** BCD data for numeric values (0-9). 3. **Latch/Strobe:** Signal to tell the display when to "capture" the data on the bus. 4. **Digit Select:** For multi-unit configurations, these pins select which physical digit is being addressed. ---
    ✨ Follow-up Questions
    • ⤷ How do you configure the DIP switches for BCD vs. Serial input on this model?
    • ⤷ What is the wiring difference between NPN and PNP logic for the M2UDS2?
    • ⤷ Can multiple M2UDS2 units be daisy-chained for a 4-digit display?