Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-D2-R

  • AI
    The **M2UDS2-D2-R** is a specific model within the M2 series of **digital indicators or signal conditioners**, typically manufactured by companies like *M-System*. These devices are used in industrial automation to convert, display, and transmit process signals. Below is a breakdown of the electronic specifications and part characteristics. --- ### 1. Model Code Breakdown The alphanumeric string defines the specific hardware configuration of the device: | Segment | Identification | Description | | :--- | :--- | :--- | | **M2UDS2** | Series Name | Universal Input Digital Indicator / Signal Conditioner | | **D2** | Power Input | Indicates a specific DC voltage range (usually 24V DC) | | **R** | Output Type | Standard Relay contact output (SPDT) | --- ### 2. Key Electronic Components & Functions #### A. Input Stage (Universal Input) The "U" in the model name indicates a **Universal Input** circuit. This allows the device to interface with various sensors via internal DIP switch or software configuration: * **DC Voltage:** 0–10V, 1–5V, etc. * **DC Current:** 4–20mA (typically with an internal or external shunt resistor). * **Thermocouples/RTDs:** Direct connection for temperature monitoring. #### B. Display & Processing * **Microprocessor-Based:** Uses an internal MCU to scale input signals into engineering units. * **Display:** Features a high-visibility LED display (usually 4 digits) for local process value (PV) monitoring. * **Isolation:** The electronics provide galvanic isolation between input, output, and power (typically 2000V AC). #### C. Relay Output (R) The **-R** suffix signifies a mechanical relay output. * **Contact Rating:** Generally rated for 250V AC @ 0.5A or 30V DC @ 0.5A (resistive). * **Function:** Used for alarms, trip points, or simple On/Off control logic based on the input threshold. #### D. Power Supply (D2) * **Voltage Range:** Designed for 24V DC environments (standard for PLC cabinets). * **Protection:** Includes reverse polarity protection and surge suppression. --- ### 3. Technical Specifications Table | Feature | Specification (Typical) | | :--- | :--- | | **Power Consumption** | Approx. 2.0W to 3.0W | | **Sampling Rate** | 100ms to 500ms | | **Accuracy** | ±0.1% of span | | **Mounting** | DIN Rail or Plug-in Base | | **Terminal Connections** | M3.5 Screw Terminals | | **Operating Temp** | -5 to +55°C | --- ### 4. Typical Application Circuit ```mermaid graph LR Sensor[4-20mA Sensor] -->|Input| M2UDS2[M2UDS2-D2-R] DC24V[24V Power] -->|Power| M2UDS2 M2UDS2 -->|Relay Close| Alarm[External Siren/Light] ```
    ✨ Follow-up Questions
    • ⤷ How do I configure the input range for this specific model?
    • ⤷ What is the difference between the -R and -V output versions?
    • ⤷ Does this model support Modbus communication?