Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-D3-R2

  • AI
    The **M2UDS2-D3-R2** is a specialized electronic component, typically categorized as a **Digital Signal Isolator** or a specific **Interface Module** used in industrial automation and telemetry. While specific internal schematics are often proprietary to the manufacturer (often associated with brands like Weidmüller or similar industrial electronics providers), its architecture follows a standard functional block design. --- ### 1. Functional Overview The device is designed to facilitate signal conversion and electrical isolation between a field sensor/actuator and a control system (like a PLC). | Component Category | Description | | :--- | :--- | | **Input Stage** | Accepts digital or pulse signals (often from dry contacts or open collectors). | | **Isolation Barrier** | Uses galvanic isolation (opto-isolators or magnetic coupling) to protect the control circuit. | | **Output Stage** | Provides a replicated signal or a relay output (R2 indicates a relay configuration). | | **Power Supply** | Usually operates on 24V DC, common in DIN-rail mounted environments. | --- ### 2. Breakdown of the Model Nomenclature The alphanumeric code provides specific details about the electronic capabilities: * **M2U:** Series identifier (Miniature/Modular Universal series). * **DS2:** Digital Signal / Dual Channel (indicates the handling of two distinct signals). * **D3:** Input Voltage/Signal type (commonly signifies a specific DC logic level, e.g., 12-24V). * **R2:** Output Type (Relay output with 2 poles or 2 channels). --- ### 3. Key Electronic Parameters Typically, these modules adhere to the following technical specifications: | Parameter | Typical Value | | :--- | :--- | | **Isolation Voltage** | 1.5kV - 2.5kV AC/DC | | **Response Time** | < 10ms (Relay limited) | | **Mounting Type** | DIN Rail (TS-35) | | **Current Consumption** | ~30mA to 50mA | | **Contact Rating** | 250V AC / 30V DC at 2A to 5A | --- ### 4. Application Circuit Diagram (High Level) In an electronic circuit, the M2UDS2-D3-R2 acts as a bridge: ```mermaid graph LR A[Field Sensor] --> B(Input Terminal) B --> C{Opto-Isolator} C --> D[Relay Coil] D --> E(Output Contacts) E --> F[PLC/Controller] ``` ### 5. Maintenance and Troubleshooting 1. **LED Indicators:** Most units feature a Status LED. If the LED is off while the input is active, there is likely a power supply failure or an internal fuse blow. 2. **Contact Wear:** Since this model uses mechanical relays (R2), the internal silver-alloy contacts have a finite mechanical life (usually 10^7 cycles). 3. **Terminal Torque:** Ensure M3 screws are tightened to approximately 0.5 Nm to prevent arcing. ---
    ✨ Follow-up Questions
    • ⤷What is the specific maximum switching frequency for the R2 relay output?
    • ⤷ Can this module be used with AC input signals or is it DC only?
    • ⤷ What is the recommended wiring gauge for the terminal blocks on this unit?