Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-D4-R2

  • AI
    Based on the part number **M2UDS2-D4-R2**, this appears to be a specific industrial control or automation component, likely a **Solid State Relay (SSR)** or a **Safety Relay Module**. Below is a breakdown of the electronic components and technical specifications typically associated with this model. ### 1. Technical Specifications The following table outlines the key electrical and physical characteristics of this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Solid State Relay (SSR) / Control Module | | **Mounting Type** | DIN Rail Mount | | **Input Control Voltage** | 4-32V DC (Typical for D4 series) | | **Output Load Type** | AC or DC (Depending on internal MOSFET/Triac) | | **Response Time** | < 1ms (Turn-on), < 1ms (Turn-off) | | **Isolation** | Optical Isolation (Optocoupler) | --- ### 2. Internal Electronic Construction The device consists of several critical internal stages to ensure safety and signal integrity: * **Input Stage:** Contains a current-limiting resistor and an LED indicator. This stage accepts the low-voltage control signal (e.g., from a PLC). * **Isolation Layer:** Uses an **Optocoupler**. This provides galvanic isolation (usually up to 2.5kV or 4kV) between the control circuit and the high-power load circuit. * **Switching Element:** * If AC: Uses a **Triac** or **Back-to-back Thyristors (SCRs)**. * If DC: Uses a **Power MOSFET** or **IGBT**. * **Protection Circuitry:** Includes a **Snubber Circuit** (Resistor + Capacitor) to protect against voltage spikes ($dV/dt$) and a Varistor (MOV) for overvoltage protection. --- ### 3. Connection Interface The part is designed for industrial wiring, typically utilizing the following terminal layout: 1. **Terminals 1 & 2 (Input):** Polarized DC input (+ and -). 2. **Terminals 3 & 4 (Output):** The load side, acting as a "normally open" switch that closes when the input is energized. --- ### 4. Code Block Example: Typical Control Logic If you are controlling this module via a microcontroller (like an Arduino or ESP32) through a transistor driver, the logic would look like this: ```cpp // Example: Activating the M2UDS2 Module const int controlPin = 5; void setup() { pinMode(controlPin, OUTPUT); } void loop() { digitalWrite(controlPin, HIGH); // Turn ON the Relay delay(5000); // Keep ON for 5 seconds digitalWrite(controlPin, LOW); // Turn OFF delay(5000); } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the output of the M2UDS2-D4-R2?
    • ⤷ Does this model support Zero-Cross switching or Instant-On?
    • ⤷ What are the specific dimensions for the DIN rail mounting?