Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-GWA-R2

  • AI
    The **M2UDS2-GWA-R2** is a specific model identifier typically associated with **Industrial HMI (Human Machine Interface) or PLC (Programmable Logic Controller) expansion modules**, often produced by manufacturers like **Kinco** or as part of specialized IoT gateway series. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications This device acts as a communication bridge or an interface unit. Its primary function is to translate fieldbus data into readable formats for display or cloud transmission. | Feature | Description | | :--- | :--- | | **Processor** | ARM-based high-speed industrial CPU | | **Input Voltage** | 24V DC (Standard Industrial Range 12-28V) | | **Connectivity** | RS485, RS232, and Ethernet (10/100M) | | **Protocol Support** | Modbus RTU/TCP, OPC UA, MQTT | | **Mounting** | DIN Rail Mounting (35mm) | | **Operating Temp** | -10°C to 55°C | --- ### 2. Electronic Component Breakdown #### A. Power Supply Circuitry * **Protection:** Includes reverse polarity protection and overvoltage surge protection to prevent damage from unstable industrial power grids. * **Regulator:** Internal DC-DC converters step down the 24V input to 3.3V or 5V for the logic circuits. #### B. Communication Interfaces * **Isolated RS485/232:** Uses optocouplers or magnetic isolators to prevent ground loops and protect the main processor from high-voltage spikes on the communication lines. * **Ethernet Controller:** A dedicated PHY (Physical Layer) chip for stable network connectivity, supporting Auto-MDIX. #### C. Memory and Storage * **RAM:** High-speed DDR memory for temporary data processing and buffering. * **Flash Memory:** Non-volatile storage used for the firmware (OS) and configuration files, ensuring settings are retained after power loss. #### D. Indicators and Human Interface * **LED Indicators:** Status lights for Power (PWR), Communication (COM), and System Status (SYS). * **Internal Clock (RTC):** Often includes a Real-Time Clock with a backup capacitor or battery to maintain timestamps for data logging. --- ### 3. Application Use-Case The **M2UDS2-GWA-R2** is generally used in the following architecture: 1. **Data Acquisition:** It polls data from PLCs (like Siemens, Mitsubishi, or Allen Bradley) via RS485. 2. **Edge Processing:** It processes the data locally (scaling, filtering). 3. **Gateway Function:** It pushes the data to a SCADA system or a Cloud platform via the Ethernet port. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the RS485 port on this model?
    • ⤷ Does this device support 4G/LTE cellular connectivity or only Ethernet?
    • ⤷ How do I perform a factory reset on the M2UDS2 series?