Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-KC-R2/N

  • AI
    The **M2UDS2-KC-R2/N** is a specific model of an **Electronic Digital Timer (Time Delay Relay)** typically manufactured by automation components companies like **M-System (now MG CO., LTD)** or specialized industrial control suppliers. It is designed for DIN rail mounting and used to control electrical circuits based on time intervals. ### 1. Key Technical Specifications The model name reflects its internal components and functional capabilities. Below is a breakdown of the typical electronic specifications for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Digital Multi-function Timer / Time Delay Relay | | **Input Voltage** | Typically 100 – 240V AC or 24V DC (Universal Power) | | **Output Type** | Relay Contact (SPDT/DPDT) | | **Contact Rating** | 250V AC @ 5A (Resistive Load) | | **Time Range** | 0.01 seconds to 9999 hours (Adjustable) | | **Display** | 4-digit LED or LCD Display | | **Mounting** | 11-pin Plug-in or DIN Rail | --- ### 2. Functional Breakdown The device consists of several internal electronic subsystems that allow it to function as a precision controller: #### A. Control Logic (Microcontroller-based) Unlike old mechanical timers, this unit uses a **Microprocessor Control Unit (MCU)**. This allows for high repeatability (usually within ±0.01% error) and the ability to program complex timing modes. #### B. Operation Modes The "UDS" series typically supports multiple electronic timing functions selectable via the front panel: * **ON-Delay:** Wait for X time, then turn on. * **OFF-Delay:** Turn off after X time. * **Flicker (Cycled):** Turn on and off repeatedly. * **One-Shot:** Pulse output for a set duration regardless of input length. #### C. Input/Output (I/O) Section * **Inputs:** Optically isolated signals for Start, Reset, and Gate (Pause). This protects the internal CPU from high-voltage spikes on the control lines. * **Relay Output:** Uses an electromagnetic relay with silver alloy contacts to handle high-current switching for motors, solenoids, or contactors. --- ### 3. Application Use Cases The M2UDS2-KC-R2/N is electronically rated for industrial environments involving: * **Conveyor Systems:** Delaying motor starts to prevent power surges. * **Packaging Machinery:** Precise timing for heat sealers or cutting blades. * **HVAC Controls:** Staggering compressor starts. * **Safety Interlocks:** Ensuring a machine stays locked for a specific duration after power-off. --- ### 4. Safety and Environmental Ratings * **Dielectric Strength:** 2000V AC for 1 minute (Input to Output). * **Insulation Resistance:** 100 MΩ or more with 500V DC. * **Operating Temp:** -10°C to +55°C.
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the 11-pin base of the M2UDS2?
    • ⤷ How do I program the different timing modes (A
    • ⤷ B
    • ⤷ C) on this unit?
    • ⤷ What is the difference between the R2 and N suffixes in this part number?