Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2UDS2-Z0-R2

  • AI
    The **M2UDS2-Z0-R2** is a specific model within the **M2UDS2 series**, which belongs to a category of **Miniature Digital Multi-function Meters** (often referred to as signal conditioners or digital indicators) manufactured by companies like **M-System**. --- ## 1. Core Technical Specifications The model code describes a high-performance signal conditioner with a digital display. Here is a breakdown of its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Series** | M2UDS2 (Digital Multi-Unit) | | **Input Type** | DC Voltage or Current (Programmable) | | **Output Type** | Dual Isolated Outputs (Z0 configuration) | | **Power Input** | 100 – 240V AC (R2 designation) | | **Display** | 4-digit LED (Red) | | **Mounting** | DIN Rail or Surface Mount | --- ## 2. Key Electronic Components & Functions ### A. Input Stage (Signal Conditioning) The device features a flexible input circuit capable of handling standard industrial signals (e.g., 4-20mA, 0-10V). It uses high-precision **Analog-to-Digital Converters (ADC)** to translate the analog physical value into a digital format for the internal microprocessor. ### B. Microprocessor & Memory * **Non-volatile Memory (EEPROM):** Stores user-defined scaling, alarm setpoints, and calibration data so that settings are retained after a power loss. * **Scaling Logic:** Converts the raw input (e.g., 4mA) into a user-readable engineering unit (e.g., 0.00 kPa). ### C. Isolation Circuitry One of the most critical electronic features is the **triple isolation** (Input to Output to Power). This is typically achieved via: * **Optocouplers:** To transfer signal data across a galvanic barrier. * **Isolation Transformers:** To provide separate power planes, preventing ground loops and protecting sensitive PLC/DCS equipment from high-voltage surges. ### D. Output Stage (Dual Outputs) The **"Z0"** suffix often indicates specific output configurations, typically providing two independent analog signals (e.g., one for a local chart recorder and one for a remote control system). --- ## 3. Terminal Wiring Overview Below is a generalized representation of the electronic connections for this class of device: ```text Terminal Block Configuration: [1] - Input (+) [2] - Input (-) [3] - Output 1 (+) [4] - Output 1 (-) [5] - Output 2 (+) [6] - Output 2 (-) [7] - Power L (+) [8] - Power N (-) ``` --- ## 4. Operational Features * **Programmable Parameters:** Users can adjust the zero and span electronically using front-panel buttons rather than physical potentiometers. * **Digital Filtering:** Includes electronic noise suppression to stabilize the display when the input signal is "noisy." * **Burnout Protection:** Electronic logic that forces the output to a specific state (High or Low) if the input wire is severed. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage ranges supported by the R2 power code?
    • ⤷ How do I calibrate the zero and span on the M2UDS2 series?
    • ⤷ Does this model support Modbus or other digital communication protocols?