Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-00-R/N

  • AI
    The **M2VF-00-R/N** is a specific model of a signal converter (isolator) belonging to the **M2 Series** manufactured by **M-System** (now part of MG CO., LTD). These devices are industrial-grade components used for signal conditioning and isolation. --- ### 1. General Specifications The model code `M2VF-00-R/N` breaks down into specific technical parameters: | Component Code | Description | | :--- | :--- | | **M2VF** | **Function:** Variable Loop-powered Isolator (Voltage/Current Input) | | **00** | **Input/Output:** Configurable (Standard factory default) | | **R** | **Power Input:** 24V DC | | **N** | **Standard/Certification:** No special certifications (Standard model) | ### 2. Key Electronic Features The M2VF is designed to provide electrical isolation between input and output circuits to prevent ground loops and protect sensitive control equipment (like PLCs). * **Signal Isolation:** 3-way isolation (Input to Output to Power). * **High Accuracy:** Typically ±0.1% or better. * **Response Time:** Fast response (≤ 0.5 seconds for 0–90% transition). * **Dielectric Strength:** Usually rated at 2000V AC for 1 minute. * **Mounting:** Standard DIN-rail mounting for industrial cabinets. ### 3. Wiring Terminal Configuration The device uses a plug-in socket base. Below is a general representation of the electronic connections: | Terminal No. | Function | Description | | :--- | :--- | :--- | | 1 | Output (+) | Positive DC output signal | | 2 | Output (-) | Negative DC output signal | | 4 | Input (+) | Positive DC input signal | | 5 | Input (-) | Negative DC input signal | | 7 | Power (+) | 24V DC Positive | | 8 | Power (-) | 24V DC Negative | --- ### 4. Technical Summary Table | Parameter | Specification | | :--- | :--- | | **Supply Voltage** | 24V DC (±10%) | | **Input Impedance** | Voltage: 1MΩ min; Current: 250Ω (standard) | | **Output Load Resistance** | Current output: 750Ω max; Voltage output: 2mA max | | **Operating Temp** | -5 to +55°C (23 to 131°F) | | **Housing Material** | Flame-resistant resin (Black) | ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span settings on the M2VF-00-R/N?
    • ⤷ What is the difference between the 'R' and 'K' power codes for this series?
    • ⤷ Can this model handle both 4-20mA and 0-10V signals?