Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-01-R/N

  • AI
    The **M2VF-01-R/N** is a specific model within the **M2VF Series** of plug-in type signal conditioners (transmitters) manufactured by **M-System**. This device is primarily used in industrial automation to convert a variable frequency pulse signal into a standard analog signal (DC voltage or current). --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Model Function** | Frequency Transmitter (Frequency to DC) | | **Input Signal** | Dry contact, open collector, voltage pulse, or AC pulse | | **Output Signal** | Configurable DC (e.g., 4–20mA, 0–10V, 1–5V) | | **Power Input (R)** | 24V DC | | **Option (N)** | No special options (Standard) | | **Accuracy** | ±0.1% | | **Response Time** | 0.5 seconds (0 to 90%) | | **Mounting** | Socket mounted (Plug-in) | --- ### 2. Functional Description of Electronic Components The internal architecture of the M2VF-01-R/N consists of several critical electronic stages: #### A. Input Conditioning Circuit * **Pulse Detection:** Detects the incoming frequency signal. It is designed to handle various pulse shapes and noise levels. * **Isolation:** Uses an optoisolator or transformer to provide galvanic isolation between the input signal and the rest of the circuit (typically 2000V AC). #### B. Frequency-to-Voltage (F/V) Converter * **Microprocessor/Logic:** The core of the device. It measures the time interval between pulses to calculate the frequency. * **Stability:** High-precision quartz oscillators are used to ensure that the frequency measurement remains stable across temperature fluctuations. #### C. Output Scaling & Buffering * **Digital-to-Analog Converter (DAC):** Converts the calculated digital value back into a precise analog voltage. * **Amplifier Stage:** Scales the voltage to the specific range required (e.g., 4-20mA). It includes "Zero" and "Span" adjustment potentiometers accessible on the front panel for field calibration. --- ### 3. Terminal Pin Assignment For the M2VF series, the standard 8-pin or 11-pin socket configuration is used: | Pin No. | Function | Description | |:---:|:---|:---| | **1** | Output (+) | Positive Analog Output | | **2** | Output (-) | Negative Analog Output | | **3** | Input (+) | Positive Pulse Input | | **4** | Input (-) | Negative Pulse Input | | **7** | Power (L+) | 24V DC Positive | | **8** | Power (N-) | 24V DC Negative | --- ### 4. Circuit Protection Features * **Surge Protector:** Integrated protection against voltage spikes on the power line. * **Reverse Polarity Protection:** Prevents damage if the 24V DC input is wired backward. * **Short-Circuit Protection:** The output is designed to withstand a short circuit without blowing internal fuses or damaging the DAC. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span on the M2VF-01-R/N?
    • ⤷ What are the specific pulse input requirements for the '01' model code?
    • ⤷ Can this unit be used for bi-directional flow measurement?