Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-015W-R2

  • AI
    The **M2VF-015W-R2** is a specific model of an **M-System (now MG CO., LTD.) Signal Conditioner**. It is part of the M2 Series (Mini-M) which is designed for high-density mounting on DIN rails. Below is an explanation of its electronic components, functions, and technical specifications. --- ## 1. Device Overview The M2VF-015W-R2 is a **Variable Output Signal Conditioner** (often referred to as a signal isolator or transmitter). Its primary purpose is to receive a DC voltage or current input and convert it into a proportional DC output while providing galvanic isolation. ### Part Number Breakdown | Code | Meaning | | :--- | :--- | | **M2** | Series Name (Mini-M Series) | | **VF** | Model Type (Variable Output Transmitter) | | **0** | Input Signal (Special/Custom or standard voltage range) | | **1** | Output 1 (e.g., 0 – 10V DC) | | **5** | Output 2 (e.g., 4 – 20mA DC) | | **W** | Power Input (24V DC) | | **R2** | Refined version/Revision code | --- ## 2. Key Electronic Features ### A. Isolation Circuitry The device employs **3-way isolation** between the: 1. **Input** 2. **Output** 3. **Power Supply** This is achieved using high-frequency transformers (magnetic isolation) or optocouplers. This protects sensitive PLC/DCS inputs from ground loops and high-voltage surges. ### B. Signal Conditioning Logic The internal circuitry consists of: * **Input Amplifier:** Scales the incoming sensor signal. * **Zero/Span Adjustment:** Potential meters (trimmers) located on the front of the unit to calibrate the low and high ends of the signal. * **Voltage-to-Current Converter:** If the output is 4-20mA, internal Op-Amps manage the drive capability for long-distance transmission. ### C. Technical Specifications | Feature | Description | | :--- | :--- | | **Construction** | Plug-in structure for DIN rail mounting | | **Power Input** | 24V DC (approx. 100mA) | | **Isolation Resistance** | 100 MΩ or more with 500V DC | | **Dielectric Strength** | 2000V AC @ 1 minute | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ## 3. Wiring Configuration The M2VF usually features an 8-pin base. Typical wiring includes: ```text Pin 1: Output 1 (+) Pin 2: Output 1 (-) Pin 3: Input (+) Pin 4: Input (-) Pin 5: Output 2 (+) Pin 6: Output 2 (-) Pin 7: Power (+) 24V DC Pin 8: Power (-) 0V DC ``` --- ## 4. Maintenance and Calibration The "R2" revision often features improved thermal stability. To calibrate the electronic output: 1. Apply the minimum input signal (e.g., 0V) and adjust the **ZERO** trimmer until the output is correct. 2. Apply the maximum input signal (e.g., 10V) and adjust the **SPAN** trimmer. 3. Repeat to ensure linearity across the electronic range.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'W' and 'M2' power supply options for this series?
    • ⤷ How does 3-way isolation prevent ground loops in industrial circuits?
    • ⤷ Can the M2VF handle bipolar input signals like -10V to +10V?