Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-40-R2

  • AI
    ## Overview of the M2VF-40-R2 The **M2VF-40-R2** is a specific model of a **Mini-V Signal Conditioner** (Voltage/Current Input to Frequency Output), typically manufactured by **M-System**. This electronic component is used in industrial automation to convert analog signals into pulse train signals for input into PLCs or counter modules. --- ### 1. Part Number Breakdown The alphanumeric code identifies the specific electrical characteristics of the module: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **M2VF** | Model Series | Mini-V Signal Conditioner (Frequency Output) | | **40** | Input Type | **4 to 20 mA DC** (Current Input) | | **R** | Power Input | **24V DC** | | **2** | Output Type | **Open Collector** (High-frequency range up to 10kHz) | --- ### 2. Key Electronic Components & Functions The internal circuitry of the M2VF-40-R2 is designed for precision signal isolation and conversion. It consists of the following functional blocks: #### A. Input Circuit (4-20mA) * **Precision Shunt Resistor:** Converts the incoming 4-20mA current into a voltage signal. * **Surge Absorber:** Protects the internal circuitry against voltage spikes or "noise" commonly found in industrial environments. #### B. Isolation Barrier * **Optocouplers/Transformers:** Provides **3-way isolation** (Input to Output to Power). This prevents ground loops and protects sensitive PLC hardware from high-voltage transients on the field side. #### C. V/F Converter (Voltage-to-Frequency) * The "heart" of the device. It utilizes an integrated circuit (IC) that generates a pulse frequency strictly proportional to the input current. If the input is 4mA, the output is 0Hz; if the input is 20mA, the output reaches the calibrated span (e.g., 10kHz). #### D. Output Stage (Open Collector) * **Transistor Switch:** Since this is an "R2" (Open Collector) model, it acts as a switch. It does not provide its own voltage; instead, it allows an external pull-up resistor to pull the signal high when the transistor is "OFF." * **Capacity:** Usually rated for around 30V DC @ 50mA. --- ### 3. Technical Specifications | Parameter | Description | | :--- | :--- | | **Input Impedance** | 250 $\Omega$ (for 4-20mA) | | **Output Range** | 0 to 10 Hz up to 0 to 10 kHz (User specified) | | **Accuracy** | $\pm$0.1% of span | | **Response Time** | $\leq$ 2 seconds (0 to 90%) | | **Isolation Resistance** | $\geq$ 100 M$\Omega$ at 500V DC | | **Mounting** | DIN Rail or Surface Mount | --- ### 4. Wiring and Installation The module uses a plug-in base for easy maintenance. 1. **Terminals 1 & 2:** Power Input (24V DC). 2. **Terminals 4 & 5:** Analog Input (4-20mA). 3. **Terminals 6 & 7:** Frequency Output (Open Collector). ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the Open Collector and Mercury Relay output versions?
    • ⤷ How do I calibrate the zero and span on an M2VF unit?
    • ⤷ What external pull-up resistor value is recommended for a 24V PLC input?