Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-4GW-RMSLASHCE

  • AI
    The **M2VF-4GW-RMSLASHCE** is a high-performance industrial cellular gateway/router module designed for M2M (Machine-to-Machine) and IoT applications. It typically integrates a 4G LTE modem with specialized networking hardware to provide reliable internet connectivity in rugged environments. --- ### Core Electronic Components & Specifications | Component Category | Description | Specifications/Details | | :--- | :--- | :--- | | **Wireless Module** | Integrated 4G LTE Modem | Supports LTE-FDD/LTE-TDD, HSPA+, and fallback to 2G/3G. | | **Processor** | Industrial CPU | Typically an ARM-based processor optimized for low power and high routing throughput. | | **Connectivity Interface** | M.2 (NGFF) Slot | Uses the M.2 form factor for high-speed data transfer and easy integration. | | **SIM Interface** | SIM/USIM Support | Standard 1.8V/3.0V SIM card interface with ESD protection. | | **Antenna Ports** | IPEX/U.FL Connectors | Multiple ports for Main, Diversity (MIMO), and GNSS/GPS. | --- ### Key Technical Features 1. **M.2 Form Factor:** The "M2" in the prefix indicates it uses the **M.2 Key-B** interface. This allows for a thinner profile and faster data communication compared to older Mini-PCIe standards. 2. **Global Connectivity:** The "4GW" designation implies **Global 4G** frequency band support, allowing the device to operate across different regional carrier networks. 3. **Ruggedized Power Management:** Includes voltage regulation circuits to handle fluctuations common in industrial power grids or vehicular battery systems. 4. **Signal Processing:** Equipped with advanced RF front-end modules to ensure signal stability in high-interference environments (EMI/EMC shielded). --- ### Typical Use Cases * **Industrial Automation:** Connecting PLCs and sensors to the cloud. * **Smart Cities:** Managing traffic lights, CCTV backhaul, and smart metering. * **Edge Computing:** Providing the primary or failover WAN link for edge gateways. * **Transportation:** In-vehicle Wi-Fi and telematics data transmission. --- ### Hardware Integration Tips * **Thermal Management:** Ensure the M.2 slot has adequate airflow or a thermal pad, as 4G transmission can generate significant heat. * **Antenna Selection:** For maximum 4G throughput, use high-gain MIMO antennas connected to both the Main and AUX ports. * **Voltage Rails:** Verify that your host board can provide the peak current (often up to 2A during bursts) required by the LTE module.
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the 4GW variant?
    • ⤷ Does this module support GPS/GNSS tracking concurrently with 4G?
    • ⤷ What is the peak power consumption of the M2VF-4GW during data transmission?