Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-4W1-R

  • AI
    The **M2VF-4W1-R** is a specific model within the **M2VF series** of signal conditioners (transmitters) manufactured by **M-System**. It is primarily used in industrial automation to convert variable frequency signals into standard DC signals. --- ## Technical Specifications Overview The model number can be broken down to understand its electronic characteristics: | Code | Component | Description | | :--- | :--- | :--- | | **M2VF** | Base Model | Frequency Transmitter (converts pulse to analog) | | **4W** | Input Type | Contact or Voltage Pulse (Wide range) | | **1** | Output | 4 to 20 mA DC | | **R** | Power Input | 24V DC | ### 1. Input Circuitry (Frequency Interface) The "4W" designation indicates a versatile input stage capable of handling various pulse types: * **Dry Contact:** Mechanical switches or relay contacts. * **Voltage Pulse:** Supports square waves or sine waves (typically from proximity sensors or flow meters). * **Frequency Range:** Configurable, usually ranging from very low (0.1 Hz) up to high-speed pulses (up to 100 kHz depending on settings). ### 2. Signal Isolation This part features **Three-Way Isolation**. The electronic architecture ensures that the following sections are galvanically separated: * **Input to Output** * **Input to Power** * **Output to Power** * *Benefit:* This prevents ground loops and protects sensitive PLC/DCS equipment from high-voltage surges on the field side. ### 3. Output Stage The "1" indicates a standard **4-20mA current loop** output. * **Load Resistance:** Typically supports up to 550 $\Omega$. * **Linearity:** The electronics ensure a linear relationship between the input frequency and the output current (e.g., 0Hz = 4mA, Max Hz = 20mA). ### 4. Physical and Power Characteristics * **Power Supply (R):** Operates on 24V DC (±10%), common in control cabinets. * **Form Factor:** Plug-in socket mount (typically uses the M-System 8-pin or 11-pin base). * **Adjustments:** Contains "Zero" and "Span" potentiometers (trimmers) on the front panel for field calibration. --- ## Electronic Block Diagram Logic ```mermaid graph LR A[Frequency Input] --> B[Opto-Isolator] B --> C[F/V Converter Circuit] C --> D[Isolation Barrier] D --> E[Current Driver 4-20mA] F[24V DC Power] --> G[DC/DC Converter] G --> B G --> D ``` ### Typical Applications * **Flow Measurement:** Converting pulses from a turbine flow meter to a 4-20mA signal for a PLC. * **Motor Speed:** Converting pulses from an encoder or proximity switch on a shaft into a speed reference signal.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span for the M2VF-4W1-R?
    • ⤷ What are the specific voltage pulse thresholds for the '4W' input type?
    • ⤷ Can this module be used with a 3-wire NPN proximity sensor?