Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-55W-R2

  • AI
    The **M2VF-55W-R2** is a high-performance **M.2 (NGFF) to PCIe x4 interface converter/adapter**. It is primarily designed to facilitate the connection of M.2 NVMe SSDs into standard PCIe slots on a motherboard or industrial computer. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Technical Specifications This adapter acts as a physical bridge between the M.2 form factor and the PCIe bus architecture. | Feature | Specification | | :--- | :--- | | **Interface (Input)** | M.2 M-Key (Socket 3) | | **Interface (Output)** | PCIe x4 (Compatible with x8, x16 slots) | | **Supported Protocol** | NVMe (PCIe Gen3 / Gen4 compatible) | | **Form Factor** | Low-profile / Standard height compatible | | **SSD Lengths Support** | 2230, 2242, 2260, 2280 | | **Operating Voltage** | 3.3V (via PCIe 12V conversion) | --- ### 2. Key Electronic Components The board consists of several critical layers of circuitry to ensure data integrity and power stability. #### A. Power Management (DC-to-DC) NVMe SSDs require a stable **3.3V** power supply. Since the PCIe slot provides 12V and 3.3V, high-quality adapters like the M2VF series often include: * **Voltage Regulator:** Converts or stabilizes the 12V rail to 3.3V to prevent drive burnout during surges. * **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors located near the M.2 slot to filter high-frequency noise and ensure clean power delivery. #### B. Signal Integrity Features * **Differential Pair Routing:** The PCB traces for the 4 lanes of PCIe are length-matched to prevent "signal skew" (timing differences between data lanes). * **Impedance Control:** The traces are manufactured to 85-100 ohm differential impedance to minimize signal reflection at high speeds (Gen3/Gen4). #### C. Connectivity * **Gold Fingers:** The bottom edge of the PCB features gold-plated contacts to ensure high conductivity and corrosion resistance when plugged into the motherboard. * **M.2 Connector:** A high-quality M-Key socket capable of handling the high thermal output of modern SSDs. --- ### 3. Structural & Thermal Parts * **Heat Dissipation:** Often includes thermal pads and a metal heatsink (depending on the specific revision kit) to prevent thermal throttling of the NVMe drive. * **Mounting Holes:** Pre-drilled holes at standard intervals (42mm, 60mm, 80mm) with a standoff/screw system to secure the SSD physically. --- ### 4. Implementation Code (Configuration Check) If you are using this adapter in a Linux environment to verify the electronic connection, you can use the following command: ```bash # List all NVMe devices and their PCIe link speed/width lspci -vv | grep -A 20 "Non-Volatile memory" ```
    ✨ Follow-up Questions
    • ⤷ Does this adapter support SATA-based M.2 drives or only NVMe?
    • ⤷ Will using this adapter reduce the read/write speed of my SSD?
    • ⤷ Is a driver installation required for the M2VF-55W-R2 to function?