Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-5A-R2/N

  • AI
    The **M2VF-5A-R2/N** is a high-precision, plug-in type signal conditioner (transmitter) manufactured by **M-System**. Its primary function is to convert a V-Network signal (specifically from power measurement devices) into a standard DC output signal. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Model Series** | M2 Series (Plug-in Signal Conditioners) | | **Input** | V-Network (Specific to M-System power transducers) | | **Output** | 4 – 20 mA DC (Internal resistance 750 $\Omega$ max.) | | **Power Supply** | 100 – 240V AC (Operating range 85 – 264V AC) | | **Accuracy** | ±0.1% of span | | **Response Time** | $\leq$ 0.5 seconds (0 – 90%) | | **Isolation** | 3-way isolation (Input to output to power) | --- ### 2. Electronic Component Breakdown The device is composed of several critical electronic stages to ensure signal integrity: #### A. Signal Input Stage * **V-Network Interface:** Designed to accept a pulse-train or specialized voltage signal from M-System power sensors. * **Filtering:** Includes RC low-pass filters to eliminate high-frequency noise from the power lines being monitored. #### B. Processing & Isolation * **Isolation Transformer/Opto-couplers:** The "R2" designation implies a robust power supply capable of maintaining 2000V AC isolation for 1 minute. This protects the downstream PLC/DCS from surges. * **Zero/Span Adjustments:** Located on the front panel, these are multi-turn potentiometers that allow for fine-tuning the analog output calibration. #### C. Output Stage * **Current Driver:** A precision operational amplifier circuit that maintains a constant current (4-20mA) regardless of load resistance fluctuations (up to 750 $\Omega$). * **Protection:** Includes surge protectors to prevent damage from back-EMF or external wiring errors. --- ### 3. Part Number Suffix Decoding | Suffix | Meaning | |:---:|:---| | **M2VF** | Base Model: V-Network Transmitter | | **5A** | Input: V-Network Signal | | **R2** | Power Input: 100 – 240V AC | | **N** | Standards: No special safety approvals (Standard CE/Non-UL) | --- ### 4. Installation & Connection * **Mounting:** DIN rail or surface mounting using a specialized socket (usually M2-type). * **Wiring:** Screw terminals are located on the base socket, allowing the electronic module to be replaced ("hot-swapped") without disconnecting wires.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the M2VF base socket?
    • ⤷ Can the 4-20mA output be changed to a 0-10V output via internal jumpers?
    • ⤷ What is the power consumption in VA for this specific model?