Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-65W-R

  • AI
    The **M2VF-65W-R** is an industrial-grade AC/DC power supply module, typically manufactured by companies like **Volgen (Kaga Electronics)**. It belongs to the M2VF series, known for its compact footprint and high efficiency. --- ## 1. Technical Specifications Below are the primary electronic characteristics of the M2VF-65W-R: | Feature | Specification | | :--- | :--- | | **Output Power** | 65 Watts | | **Input Voltage Range** | 85V to 264V AC (Universal Input) | | **Output Voltage** | Typically 12V, 15V, or 24V DC (Model specific) | | **Efficiency** | ~88% to 90% | | **Cooling** | Convection Cooled | | **Protection** | Overcurrent, Overvoltage, Short Circuit | --- ## 2. Key Electronic Components & Design The internal architecture of this module consists of several critical stages: ### A. Input Protection and EMI Filtering * **Fuse:** Provides overcurrent protection at the AC input. * **Varistor (MOV):** Protects the circuit from high-voltage surges or spikes. * **EMI Filter (X/Y Capacitors & Choke):** Suppresses electromagnetic interference to comply with global EMC standards. ### B. Rectification and PFC * **Bridge Rectifier:** Converts the AC input into high-voltage DC. * **Power Factor Correction (PFC):** Though some smaller 65W units use passive PFC, modern "R" variants often feature active PFC circuits to improve power quality and efficiency. ### C. DC-DC Conversion (Switching Stage) * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a steady output. * **MOSFET:** High-speed switching transistor that drives the transformer. * **High-Frequency Transformer:** Provides galvanic isolation between the primary (high voltage) and secondary (low voltage) sides. ### D. Output Filtering * **Schottky Diodes/Synchronous Rectifiers:** Converts the high-frequency AC from the transformer back to DC. * **Low ESR Electrolytic Capacitors:** Smooths the voltage ripple to provide clean DC power to the load. --- ## 3. Physical Layout and Connector Types The "R" suffix often denotes specific mounting or terminal configurations: 1. **Open Frame:** The PCB is exposed for better airflow within an enclosure. 2. **Terminal Block:** Screw terminals or header pins (Molex/JST) are used for input and output connections. 3. **Compact Size:** Usually designed with a 2x3 or 2x4 inch footprint to fit into medical or industrial handheld devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage for the 'R' variant of this model?
    • ⤷ What are the safety certifications (like UL or CE) for the M2VF series?
    • ⤷ How does the 'R' suffix differ from the standard M2VF-65W model?