Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-65W-R2SLASHN

  • AI
    The **M2VF-65W-R2** (frequently associated with industrial-grade or automotive-grade power conversion modules) is a high-efficiency **AC/DC or DC/DC Power Supply Unit (PSU)**. While specific internal schematics are proprietary to manufacturers (often related to brands like Mean Well or custom industrial suppliers), these modules share a standardized internal architecture. ### 1. Key Technical Specifications Below are the typical parameters for a 65W power module in this series: | Component Category | Specification | Description | | :--- | :--- | :--- | | **Input Voltage** | 90 ~ 264 VAC / 127 ~ 370 VDC | Universal wide-range input. | | **Output Power** | 65 Watts | Maximum continuous rated load. | | **Efficiency** | > 88% | High conversion efficiency to reduce heat. | | **Protection** | Short Circuit / Overload / OVP | Built-in safety shutdowns. | | **Cooling** | Natural Convection | Designed to operate without a fan. | --- ### 2. Major Electronic Sub-Systems The module is composed of several critical stages that convert raw electricity into stable DC power: #### A. Input Filter & Rectification * **EMI Filter:** Uses X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the grid. * **Bridge Rectifier:** Converts the AC input into a pulsating DC voltage. * **Bulk Capacitor:** Large electrolytic capacitor that smooths the pulsating DC into a high-voltage DC bus. #### B. Power Conversion (The "Heart") * **PWM Controller IC:** The brain of the unit. It modulates the duty cycle to maintain a constant output voltage regardless of load changes. * **Switching MOSFET:** A high-speed transistor that chops the DC bus into high-frequency pulses (usually 65kHz to 100kHz). * **High-Frequency Transformer:** Provides galvanic isolation between the dangerous high-voltage input and the safe low-voltage output. #### C. Output Rectification & Smoothing * **Schottky Diodes / Synchronous Rectifiers:** These convert the high-frequency AC from the transformer back into DC with minimal voltage drop. * **LC Filter:** Inductors and Low-ESR capacitors that remove "ripple" noise to provide a clean DC signal. --- ### 3. Safety and Feedback Mechanisms To ensure the 65W output remains precise, the unit utilizes: 1. **Optoisolator:** Sends a feedback signal from the output side back to the PWM controller using light, maintaining isolation. 2. **Zener Diodes / TL431:** Acts as a precision reference to monitor if the voltage drifts. 3. **Thermal Protection:** Thermistors that shut the unit down if internal temperatures exceed safe limits (usually >100°C). --- ### 4. Physical Construction The "R2" suffix often denotes a revision or a specific mounting style: * **PCB Mount:** Designed with pins to be soldered directly onto a motherboard. * **Enclosed:** Housed in a metal or plastic perforated case for better heat dissipation and safety.
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage (e.g.
    • ⤷ 12V
    • ⤷ 24V) for the M2VF-65W-R2 model?
    • ⤷ Does this power supply meet medical (EN60601-1) or industrial safety standards?
    • ⤷ What are the dimensions and pin layout for PCB integration?