Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-A1-R/N

  • AI
    The **M2VF-A1-R/N** is a high-performance, compact **Signal Conditioner** (Isolator) manufactured by **M-System**. It is designed to convert an analog input signal into a standard process signal while providing galvanic isolation between the input, output, and power supply. --- ### 1. Key Technical Specifications The "M2VF" series is known for its ultra-slim profile and high reliability in industrial automation. | Feature | Specification | | :--- | :--- | | **Model** | M2VF-A1-R/N | | **Input Signal** | 4 – 20 mA DC | | **Output Signal** | 1 – 5 V DC | | **Power Input (R)** | 24V DC (Allowable range: 24V ±10%) | | **Isolation (N)** | No specific special options (Standard Isolation) | | **Mounting** | DIN Rail Mounting | | **Response Time** | ≤ 0.5 seconds (0 – 90%) | --- ### 2. Breakdown of the Model Code The alphanumeric string defines the specific electronic configuration: * **M2VF**: Series identifier (Mini-M Series Signal Conditioner). * **A**: Input Type (4 – 20 mA DC). * **1**: Output Type (1 – 5 V DC). * **R**: Power Supply (24V DC). * **N**: Options (In this context, often denotes standard features or specific terminal types depending on the revision). --- ### 3. Internal Electronic Architecture The M2VF-A1-R/N operates through three primary internal stages to ensure signal integrity: 1. **Input Stage (Current to Voltage):** The 4-20mA current loop is passed through a precision shunt resistor. This converts the current into a low-level voltage signal that the internal circuitry can process. 2. **Isolation Barrier:** Uses an **Opto-isolator** or **Transformer isolation** to decouple the input circuit from the output and power supply. This prevents "ground loops" and protects sensitive PLC/DCS equipment from high-voltage surges in the field. 3. **Output Stage (Buffering & Scaling):** The isolated signal is amplified and scaled to the 1-5V DC range. This stage includes low-pass filtering to remove electromagnetic interference (EMI) and noise. --- ### 4. Wiring Diagram Representation Below is a simplified representation of how the terminals are typically configured: ```text TERMINAL BLOCK LAYOUT: +-------+-------+ | (1) | (5) | (1) Output (+) [1-5V] | (2) | (6) | (2) Output (-) | (3) | (7) | (5) Input (+) [4-20mA] | (4) | (8) | (6) Input (-) +-------+-------+ (7) Power (+) [24V DC] (8) Power (-) [0V] ``` --- ### 5. Applications * **Ground Loop Elimination:** Resolving potential differences between field sensors and control room equipment. * **Signal Conversion:** Converting a current signal (4-20mA) into a voltage signal (1-5V) for older controllers or specific data loggers. * **Equipment Protection:** Acting as a "fuse" for signals; if a surge hits the field side, the M2VF is sacrificed, protecting the expensive PLC. ---
    ✨ Follow-up Questions
    • ⤷What is the isolation voltage rating for the M2VF series?
    • ⤷ Does this model support 'Active' or 'Passive' input loops?
    • ⤷ What are the physical dimensions of the M2VF housing?