Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-A4W-R2

  • AI
    The **M2VF-A4W-R2** is a high-performance **Miniature Signal Conditioner (M2 Series)** manufactured by **M-System**. Its primary function is to convert a variable frequency input signal into a standard analog voltage or current output. --- ## 1. Part Number Breakdown Understanding the specific configuration of the `M2VF-A4W-R2` helps identify its electronic capabilities: | Code | Component | Description | | :--- | :--- | :--- | | **M2VF** | Model Series | Frequency Transmitter (Signal Conditioner) | | **A** | Input Type | Open Collector (Frequency) | | **4W** | Output Type | 4 – 20 mA DC (Current Loop) | | **R** | Power Input | 24V DC | | **2** | Isolation | 2-way isolation (Input to Output/Power) | --- ## 2. Key Electronic Specifications This device acts as a bridge between industrial sensors (like flow meters or tachometers) and a PLC or SCADA system. ### Input Specifications * **Signal Type:** Open collector, mechanical contact, or voltage pulse. * **Frequency Range:** Configurable, typically spanning from 0–0.01 Hz up to 0–10 kHz. * **Detection Level:** Adjustable threshold to filter noise from the pulse input. ### Output Specifications * **Signal:** 4 – 20 mA DC. * **Load Resistance:** Maximum 550 $\Omega$. * **Response Time:** Approximately 0.5 seconds (0 to 90%). ### Power & Isolation * **Supply Voltage:** 24V DC ($\pm$10%). * **Dielectric Strength:** 2000V AC @ 1 minute (Input to output or power to ground). * **Insulation Resistance:** 100 M$\Omega$ or more with 500V DC. --- ## 3. Circuit Block Diagram Components Internally, the M2VF-A4W-R2 consists of the following electronic stages: 1. **Pulse Shaper:** Cleans the incoming frequency signal to ensure distinct high/low transitions. 2. **F/V Converter:** A Frequency-to-Voltage conversion circuit that translates pulse density into a proportional DC voltage. 3. **Isolation Barrier:** Uses an optical or magnetic isolator to prevent ground loops and protect downstream equipment from surges. 4. **Output Driver:** A current-source circuit that regulates the 4-20mA loop regardless of the load resistance (up to the rated limit). --- ## 4. Physical Installation The unit is designed for industrial environments with the following physical traits: * **Construction:** Plug-in base socket for easy maintenance. * **Housing Material:** Flame-resistant resin (Black). * **Adjustments:** Front-facing Zero and Span adjustments (trimpots) for calibration.
    ✨ Follow-up Questions
    • ⤷ What are the wiring diagrams for the Open Collector input versus a Voltage Pulse input?
    • ⤷ How do you calibrate the Zero and Span trimpots on the M2VF series?
    • ⤷ Can this model be used with an AC power source instead of 24V DC?