Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-CFW-R2

  • AI
    The **M2VF-CFW-R2** is a high-performance, industrial-grade video wall controller / processor component, typically used in large-scale display systems (like command centers or digital signage). It is a blade or card-style module designed for a chassis-based matrix switcher system. Below is an explanation of its core electronic parts and functions. --- ### 1. Key Technical Specifications The unit serves as a bridge between video input signals and multi-screen output arrays. | Feature | Specification | | :--- | :--- | | **Input Interface** | Typically DVI/HDMI or Universal Analog/Digital | | **Resolution Support** | Up to 1920x1200 @60Hz (WUXGA) | | **Connectivity** | Modular Gold-finger Connector for Chassis Backplane | | **Processing Power** | Integrated FPGA-based image scaling | | **Form Factor** | R-series Rack-mount Plug-in Card | --- ### 2. Core Electronic Components The architecture of the M2VF-CFW-R2 revolves around high-speed signal processing and synchronization. #### A. FPGA (Field Programmable Gate Array) The "brain" of the card. Unlike standard CPUs, the FPGA allows for **zero-latency** hardware processing. It handles: * **Scaling:** Adjusting input resolution to fit the video wall layout. * **Bezel Compensation:** Electronically adjusting the image to account for the physical frames of the monitors. #### B. Signal Converters & Receivers * **TMDS Receivers:** Used to decode high-speed digital signals from HDMI/DVI sources. * **A/D Converters:** If the card supports VGA or Component input, these chips convert analog waveforms into digital bits for the FPGA to process. #### C. SDRAM / Frame Buffer * Dedicated high-speed memory chips (DDR3 or similar) are used to store video frames temporarily. This ensures smooth playback and allows for features like "freeze frame" or "seamless switching" where no black screen appears between source changes. #### D. Power Management ICs (PMIC) * Since the card draws power from the main chassis backplane, it contains step-down regulators to convert the 12V or 5V backplane power into the low voltages (1.2V, 1.8V, 3.3V) required by the logic chips. --- ### 3. Functional Capabilities The electronic design allows for specific professional video operations: 1. **Windowing:** The ability to overlap multiple video sources on one screen or stretch one source across many. 2. **EDID Management:** Integrated EEPROM chips store "Extended Display Identification Data" to ensure the source computer outputs the correct resolution automatically. 3. **Hot-Swapping:** The physical interface is designed with staggered pins to allow the card to be plugged in or removed while the main system is powered on without causing electrical shorts. --- ### 4. Typical Application Diagram ```mermaid graph LR A[Video Source] --> B(M2VF-CFW-R2 Card) B --> C{FPGA Processor} C --> D[Backplane Bus] D --> E[Video Wall Displays] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum number of displays this card can support in a single array?
    • ⤷ Does the M2VF-CFW-R2 support 4K input resolutions?
    • ⤷ How does the bezel compensation feature work electronically?