Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF-CFW-R2/UL

  • AI
    The **M2VF-CFW-R2/UL** is a high-performance **Signal Conditioner (Isolator)** manufactured by **M-System**. It is specifically designed to convert a variable frequency input signal (from a flow meter, pulse generator, or proximity switch) into a standard DC output signal (like 4-20mA or 0-10V). --- ### 1. Key Technical Specifications The "R2" and "UL" designations indicate specific power requirements and safety certifications. | Feature | Specification | | :--- | :--- | | **Model Series** | M2 Series (Mini-M) | | **Input Type** | Variable Frequency (Dry contact, Open collector, Voltage pulse) | | **Output Type** | Standard DC Signal (Current or Voltage) | | **Power Input (R2)** | 100 – 240V AC | | **Certification (UL)** | UL/cUL recognized component | | **Response Time** | Approx. 2 seconds (0 to 90%) | | **Accuracy** | ±0.1% of span | --- ### 2. Major Electronic Components & Functions Inside the module, the circuitry is divided into several critical stages: #### A. Input Pulse Shaper * **Function:** This section receives the raw pulse signal from the field device. * **Electronics:** It uses high-speed comparators or opto-isolators to clean up noise and ensure the frequency is accurately read regardless of the waveform shape. #### B. Frequency-to-Voltage (F/V) Converter * **Function:** The heart of the unit. It measures the time interval between pulses or the number of pulses per second. * **Electronics:** Modern units often use a dedicated microprocessor or an integrated F/V converter circuit to translate frequency into a high-resolution digital value. #### C. Galvanic Isolation (The "Isolator" Part) * **Function:** Protects the control system (PLC/DCS) from ground loops and high-voltage surges in the field. * **Electronics:** Uses **Photocouplers** (Optical isolation) or **Transformers** (Magnetic isolation) to separate the input, output, and power circuits from each other (3-way isolation). #### D. Output Driver (D/A Conversion) * **Function:** Converts the internal processed signal into a calibrated analog output. * **Electronics:** A Digital-to-Analog Converter (DAC) followed by an operational amplifier (Op-Amp) stage to drive the 4-20mA loop or 0-10V signal. --- ### 3. Connection Terminal Layout The unit typically uses a plug-in base for easy maintenance. | Terminal No. | Function | Description | | :--- | :--- | :--- | | **1 & 2** | Output | Analog DC Signal (+) and (-) | | **3 & 4** | Input | Frequency Pulse Signal (+) and (-) | | **5 & 6** | Power Supply | 100 - 240V AC Input | | **7** | Ground | Earth Terminal | --- ### 4. Summary of Benefits * **Space Saving:** The "Mini-M" housing is very narrow, allowing for high-density installation on DIN rails. * **UL Approval:** The /UL suffix ensures the device meets strict North American safety standards for industrial control equipment. * **Versatility:** It can handle various pulse types (Open collector, 5V logic, or high-voltage pulses).
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency input ranges supported by the M2VF series?
    • ⤷ How do I calibrate the zero and span settings on this module?
    • ⤷ Can this device be used with a 24V DC power supply instead of AC?