Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-012-R/N

  • AI
    The **M2VF2-012-R/N** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Megatone** or similar industrial relay suppliers. These components are designed to control high-power circuits using a low-power signal. Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Relay Type** | Electromechanical Relay (Miniature) | | **Coil Voltage** | 12V DC | | **Contact Form** | DPDT (2 Form C) - 2 Changeover contacts | | **Max Switching Current** | 5A to 10A (Depending on load type) | | **Contact Material** | Silver Alloy (AgNi or AgSnO2) | | **Mounting Type** | Through-hole (PCB Mount) | | **Terminal Layout** | Standard 8-pin configuration | --- ### 2. Key Electronic Components & Operation A relay of this series consists of four primary internal sections: 1. **The Coil (12V DC):** The "012" in the part number indicates a 12V DC operating voltage. When current flows through this copper coil, it creates a magnetic field. 2. **The Armature:** A hinged lever that moves in response to the magnetic field generated by the coil. 3. **The Contacts (DPDT):** * **DPDT (Double Pole Double Throw)** means the relay has two separate switches controlled by the same coil. * Each "pole" can switch between a **Normally Closed (NC)** and a **Normally Open (NO)** position. 4. **The Return Spring:** Ensures that once the 12V power is removed from the coil, the contacts return to their original "Rest" state. --- ### 3. Part Number Decoder (M2VF2-012-R/N) | Segment | Meaning | | :--- | :--- | | **M2V** | Series designation (Miniature Power Relay) | | **F2** | Contact arrangement (typically denotes 2-pole/DPDT) | | **012** | Nominal Coil Voltage (12 Volts DC) | | **R** | Specific sealing or flux-tight construction | | **N** | Mechanical indicator or specific contact material (varies by manufacturer) | --- ### 4. Typical Applications * **Industrial Automation:** Controlling small motors, solenoids, or actuators. * **HVAC Systems:** Switching fans or heating elements. * **Consumer Electronics:** Power management in appliances. * **PCB Interfaces:** Acting as an isolation barrier between a microcontroller (logic level) and high-voltage AC/DC loads.
    ✨ Follow-up Questions
    • ⤷ What is the maximum AC voltage this relay can switch safely?
    • ⤷ Does this relay require a flyback diode when connected to a microcontroller?
    • ⤷ What are the physical dimensions for the PCB footprint?