Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-014-R2

  • AI
    The **M2VF2-014-R2** is a specialized electronic component typically used in high-performance computing and communication systems. This part number refers to a specific variant of an **Infiniband or Ethernet Controller/Bridge Module**, often integrated into high-speed networking hardware. --- ### Technical Specifications Overview The electronic architecture of this component focuses on high bandwidth and low latency. Below are the primary technical characteristics: | Category | Specification | Description | | :--- | :--- | :--- | | **Form Factor** | Mezzanine Card | Designed to be plugged into a carrier board (VITA or VPX standards). | | **Interface** | PCIe x8 / x16 | High-speed peripheral component interconnect for data transfer. | | **Data Rate** | Up to 40/56 Gbps | Supports high-speed networking protocols like FDR InfiniBand. | | **Connectivity** | QSFP+ Ports | Typically features Quad Small Form-factor Pluggable ports. | | **Operating Temp** | -40°C to +85°C | Industrial/Rugged grade for harsh environments. | --- ### Key Electronic Components The "R2" designation usually implies a second revision of the board, featuring updated circuitry for power efficiency and signal integrity. The board consists of several critical layers: #### 1. The Controller ASIC The heart of the module is usually a Mellanox (now NVIDIA) **ConnectX** series chip. This ASIC handles: * **Hardware Offloading:** Reducing CPU overhead by processing network protocols on-chip. * **RDMA (Remote Direct Memory Access):** Allowing data transfer directly from the memory of one computer to another without involving the OS. #### 2. Power Management ICs (PMICs) Because these modules handle high-speed data, they require stable power. The R2 revision often includes: * **DC-DC Converters:** To step down the system voltage (usually 12V or 5V) to the low core voltages required by the ASIC (often 0.8V - 1.2V). * **Decoupling Capacitors:** Strategically placed to filter high-frequency noise. #### 3. Signal Conditioning To maintain data integrity at 56Gbps, the board utilizes: * **Re-timers/Re-drivers:** Electronic components that boost the signal strength across the PCB traces. * **Differential Pair Routing:** Carefully matched copper traces to prevent electromagnetic interference (EMI). --- ### Typical Applications * **Ruggedized Servers:** Used in military or aerospace computing where standard PCIe cards are too fragile. * **High-Performance Computing (HPC):** Providing the backbone for supercomputer clusters. * **Signal Intelligence (SIGINT):** Used in systems that require massive real-time data throughput.
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal management requirements for the M2VF2-014-R2?
    • ⤷ Is this module compatible with standard OpenVPX backplanes?
    • ⤷ What are the primary differences between the R1 and R2 revisions of this hardware?