Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2VF2-015W-R

  • AI
    The **M2VF2-015W-R** is a specific model of an **AC-DC LED Driver** (Power Supply) typically manufactured by companies like **Moons' Industries**. It is designed to convert high-voltage alternating current (AC) into a constant low-voltage direct current (DC) suitable for powering LED lighting systems. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the M2VF2-015W-R: | Parameter | Specification | | :--- | :--- | | **Output Power** | 15 Watts (Max) | | **Input Voltage Range** | 90 ~ 305 VAC (Universal Input) | | **Output Type** | Constant Current (CC) or Constant Voltage (CV) * | | **Efficiency** | ~85% (Typical) | | **Power Factor** | > 0.9 (at full load) | | **IP Rating** | IP67 (Waterproof/Dustproof) | *\*Note: Most "W" series drivers are designed for specific LED string voltages; ensure the forward voltage of your LEDs matches the driver's output range.* --- ### 2. Major Electronic Components & Features The device is composed of several critical internal sub-systems: #### A. Input Filtering (EMI/Surge Protection) * **MOV (Metal Oxide Varistor):** Protects the driver from voltage spikes or lightning surges. * **EMI Filter:** High-frequency inductors and capacitors that prevent electromagnetic interference from leaking back into the power grid. #### B. Rectification and PFC * **Bridge Rectifier:** Converts AC input to pulsating DC. * **Power Factor Correction (PFC):** An active circuit that ensures the current drawn is in phase with the voltage, reducing energy waste and harmonic distortion. #### C. Switching Stage (PWM Controller) * **MOSFET:** A high-speed electronic switch that "chops" the DC voltage at high frequencies. * **Transformer:** Provides galvanic isolation (safety) between the high-voltage input and low-voltage output while stepping down the voltage. #### D. Feedback & Protection Circuits The M2VF2-015W-R includes several safety mechanisms: * **Over Voltage Protection (OVP):** Shuts down if the output voltage exceeds safe limits. * **Short Circuit Protection (SCP):** Prevents damage if the positive and negative output wires touch. * **Over Temperature Protection (OTP):** Throttles or stops power if the internal temperature gets too high. --- ### 3. Wiring Configuration The unit typically features color-coded wires for installation: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Black** | Line (L) | AC Input (Hot) | | **White** | Neutral (N) | AC Input (Neutral) | | **Green/Yellow**| Ground (G) | Earth Safety Ground | | **Red** | LED+ | Positive DC Output to LEDs | | **Blue/Black** | LED- | Negative DC Output to LEDs | --- ### 4. Typical Applications * Outdoor architectural lighting. * LED signage and channel letters. * Commercial downlights. * Industrial indicator systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage and current range for this specific 15W model?
    • ⤷ Can this LED driver be dimmed using a Triac or 0-10V dimmer?
    • ⤷ How does the IP67 rating affect the installation requirements for this driver?